Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 15 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 11Page - STMicroelectronics LSM330D Datasheet HTML 12Page - STMicroelectronics LSM330D Datasheet HTML 13Page - STMicroelectronics LSM330D Datasheet HTML 14Page - STMicroelectronics LSM330D Datasheet HTML 15Page - STMicroelectronics LSM330D Datasheet HTML 16Page - STMicroelectronics LSM330D Datasheet HTML 17Page - STMicroelectronics LSM330D Datasheet HTML 18Page - STMicroelectronics LSM330D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
LSM330D
Module specifications
Doc ID 022562 Rev 2
15/66
2.3
Temperature sensor characteristics
@ Vdd = 3V, T = 25 °C unless otherwise noted (b)
2.4
Communication interface characteristics
2.4.1
SPI - serial peripheral interface
Subject to general operating conditions for Vdd and TOP.
b.
The product is factory calibrated at 3.0 V.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output
change vs. temperature
-
-1
°C/digit
(2)
TODR
Temperature refresh rate
1
Hz
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
8-bit resolution.
Table 6.
SPI slave timing values
Symbol
Parameter
Value (1)
Unit
Min
Max
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
6
ns
th(CS)
CS hold time
20
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
50
th(SO)
SDO output hold time
5
tdis(SO)
SDO output disable time
50
1.
Values are guaranteed at 10 MHz clock frequency for SPI with both 4 and 3 wires, based on characterization results. Not
tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com