Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 1 Page - STMicroelectronics

  LSM330D Datasheet HTML 1Page - STMicroelectronics LSM330D Datasheet HTML 2Page - STMicroelectronics LSM330D Datasheet HTML 3Page - STMicroelectronics LSM330D Datasheet HTML 4Page - STMicroelectronics LSM330D Datasheet HTML 5Page - STMicroelectronics LSM330D Datasheet HTML 6Page - STMicroelectronics LSM330D Datasheet HTML 7Page - STMicroelectronics LSM330D Datasheet HTML 8Page - STMicroelectronics LSM330D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
This is information on a product in full production.
August 2012
Doc ID 022562 Rev 2
1/66
66
LSM330D
iNEMO inertial module:
3D accelerometer and 3D gyroscope
Datasheet — production data
Features
■ Analog supply voltage: 2.4 V to 3.6 V
■ Digital supply voltage IOs: 1.8 V
■ Low power mode
■ Power-down mode
■ 3 independent acceleration channels and 3
angular rate channels
■ ±2 g/±4 g/±8 g/±16 g dynamically selectable
full scale
■ ±250/±500/±2000 dps dynamically selectable
full scale
■ SPI/I2C serial interface (16-bit data output)
■ Programmable interrupt generator for free-fall
and motion detection
■ ECOPACK
® RoHS and “Green” compliant
Application
■ GPS navigation systems
■ Impact recognition and logging
■ Gaming and virtual reality input devices
■ Motion activated functions
■ Intelligent power saving for handheld devices
■ Vibration monitoring and compensation
■ Free-fall detection
■ 6D orientation detection
Description
The LSM330D is a system-in-package featuring a
3D digital accelerometer and a 3D digital
gyroscope.
ST’s family of MEMS sensor modules leverages
the robust and mature manufacturing processes
already used for the production of micromachined
accelerometers.
The various sensing elements are manufactured
using specialized micromachining processes,
while the IC interfaces are developed using a
CMOS technology that allows the design of a
dedicated circuit which is trimmed to better match
the sensing element characteristics.
The LSM330D has dynamically user-selectable
full scale acceleration range of ±2 g/±4 g/±8
g/±16 g and angular rate of ±250/±500/±2000
deg/sec.
The accelerometer and gyroscope sensors can
be either activated or separately put in Low
power/Power-down mode for applications
optimized for power saving.
The LSM330D is available in a plastic land grid
array (LGA) package.
Table 1.
Device summary
Part number
Temperature
range [°C]
Package
Packing
LSM330D
-40 to +85
LGA-28L
(3x5.5x1.0
mm)
Tray
LSM330DTR
-40 to +85
Tape and
reel
LGA-28L (3x5.5x1.0 mm)
www.st.com


Similar Part No. - LSM330D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
19-Jul-2011
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM330DLCTR STMICROELECTRONICS-LSM330DLCTR Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM330DLTR STMICROELECTRONICS-LSM330DLTR Datasheet
1Mb / 54P
Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
19-Jul-2011
More results

Similar Description - LSM330D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP2800 VISHAY-SIP2800 Datasheet
93Kb / 8P
Low Power Consumption Current Mode Controller
30-Aug-04
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
LOW-POWER BICMOS CURRENT-MODE PWM
logo
Rhombus Industries Inc.
L-699 RHOMBUS-IND-L-699 Datasheet
18Kb / 1P
Low & Medium Power Common Mode Inductors
5/31/01
L-11608 RHOMBUS-IND-L-11608 Datasheet
18Kb / 1P
Low & Medium Power Common Mode Inductors
09/04/02
logo
Texas Instruments
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
Low-Power BiCMOS Current-Mode PWM
logo
OmniVision Technologies...
OV9732 OMNIVISION-OV9732 Datasheet
740Kb / 2P
low power mode (LPM) function
OV5695 OMNIVISION-OV5695 Datasheet
1Mb / 2P
ultra low power mode (ULPM)
logo
TDK Electronics
ICS-40212 TDK-ICS-40212 Datasheet
312Kb / 16P
Analog Microphone with Low Power Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com