Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 37 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 33Page - STMicroelectronics LSM330D Datasheet HTML 34Page - STMicroelectronics LSM330D Datasheet HTML 35Page - STMicroelectronics LSM330D Datasheet HTML 36Page - STMicroelectronics LSM330D Datasheet HTML 37Page - STMicroelectronics LSM330D Datasheet HTML 38Page - STMicroelectronics LSM330D Datasheet HTML 39Page - STMicroelectronics LSM330D Datasheet HTML 40Page - STMicroelectronics LSM330D Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
LSM330D
Digital interfaces
Doc ID 022562 Rev 2
37/66
6.2.2
SPI write
Figure 17.
SPI write protocol
The SPI write command is performed with 16 clock pulses. A multiple-byte write command
is performed by adding blocks of 8 clock pulses to the previous one.
bit 0: WRITE bit. The value is 0.
bit 1: MS bit. When 0, do not increment address; when 1, increment address in multiple
writing.
bit 2 -7: address AD(5:0). This is the address field of the indexed register.
bit 8-15: data DI(7:0) (Write mode). This is the data that will be written to the device (MSb
first).
bit 16-... : data DI(...-8). Further data in multiple-byte writing.
Figure 18.
Multiple bytes SPI write protocol (2 bytes example)
6.2.3
SPI read in 3-wire mode
3-wire mode is entered by setting the SIM bit to ‘1’ (SPI serial interface mode selection) in
the CTRL_REG4_G register.
CS
SPC
SDI
RW
DI7
D I6 DI5
D I4 DI3
DI2
DI1 DI0
AD5 AD 4 AD 3 AD2 AD 1 AD0
MS
AM10132V1
CS
SPC
SDI
RW
AD5 AD4 AD3 AD2 AD1 AD 0
DI7 D I6 DI5 D I4 DI3 DI2 DI1 DI0 DI15 D I1 4DI13 DI12DI11 DI10 DI9 DI8
MS
AM10133V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com