Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 57 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 57 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 53Page - STMicroelectronics LSM330D Datasheet HTML 54Page - STMicroelectronics LSM330D Datasheet HTML 55Page - STMicroelectronics LSM330D Datasheet HTML 56Page - STMicroelectronics LSM330D Datasheet HTML 57Page - STMicroelectronics LSM330D Datasheet HTML 58Page - STMicroelectronics LSM330D Datasheet HTML 59Page - STMicroelectronics LSM330D Datasheet HTML 60Page - STMicroelectronics LSM330D Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
LSM330D
Register descriptions
Doc ID 022562 Rev 2
57/66
8.33
OUT_TEMP_G (26h)
8.34
STATUS_REG_G (27h)
8.35
OUT_X_L_G, OUT_X_H_G
X-axis angular rate data. The value is expressed as two’s complement.
Table 83.
REFERENCE_G register description
Ref 7-Ref0
Reference value for interrupt generation. Default value: 0
Table 84.
OUT_TEMP_G register
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
Table 85.
OUT_TEMP_G register description
Temp7-Temp0
Temperature data (-1LSb/deg - 8-bit resolution). The value is expressed as
two’s complement.
Table 86.
STATUS_REG_G register
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
Table 87.
STATUS_REG description
ZYXOR
X, Y, Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data has overwritten the previous data before it was
read)
ZOR
Z axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Z-axis has overwritten the previous data)
YOR
Y axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Y-axis has overwritten the previous data)
XOR
X axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the X-axis has overwritten the previous data)
ZYXDA
X, Y, Z -axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
ZDA
Z axis new data available. Default value: 0
(0: new data for the Z-axis is not yet available; 1: new data for the Z-axis is available)
YDA
Y axis new data available. Default value: 0
(0: new data for the Y-axis is not yet available;1: new data for the Y-axis is available)
XDA
X axis new data available. Default value: 0
(0: new data for the X-axis is not yet available; 1: new data for the X-axis is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com