Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330D Datasheet(PDF) 20 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 16Page - STMicroelectronics LSM330D Datasheet HTML 17Page - STMicroelectronics LSM330D Datasheet HTML 18Page - STMicroelectronics LSM330D Datasheet HTML 19Page - STMicroelectronics LSM330D Datasheet HTML 20Page - STMicroelectronics LSM330D Datasheet HTML 21Page - STMicroelectronics LSM330D Datasheet HTML 22Page - STMicroelectronics LSM330D Datasheet HTML 23Page - STMicroelectronics LSM330D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
Functionality
LSM330D
20/66
Doc ID 022562 Rev 2
4
Functionality
The LSM330D is a system-in-package featuring a 3D digital accelerometer and a 3D digital
gyroscope.
The device includes specific sensing elements and two IC interfaces capable to measuring
both the acceleration and angular rate applied to the module and to provide a signal to
external applications through an SPI/I2C serial interface.
The various sensing elements are manufactured using specialized micromachining
processes, while the IC interfaces are developed using a CMOS technology that allows the
design of a dedicated circuit which is trimmed to better match the sensing element
characteristics.
The LSM330D may also be configured to generate an inertial wakeup and free-fall interrupt
signal according to a programmed acceleration event along the enabled axes.
4.1
Accelerometer
4.1.1
Normal mode, Low power mode
The accelerometer sensor inside the LSM330D inertial module provides two different
operating modes: Normal mode and Low power mode. Normal mode guarantees high
resolution, while Low power mode further reduces current consumption.
The table below summarizes how to select the operating mode and the corresponding
characteristics.
4.1.2
Self-test
Self-test allows the checking of sensor functionality without moving it. The self-test function
is off when the self-test bit (ST) is programmed to ‘0’. When the self-test bit is programmed
to ‘1’ an actuation force is applied to the sensor, simulating a definite input acceleration. In
this case, the sensor outputs exhibit a change in their DC levels which are related to the
selected full scale through the device sensitivity. When self-test is activated, the device
output level is given by the algebraic sum of the signals produced by the acceleration acting
on the sensor and by the electrostatic test-force. If the output signals change within the
amplitude specified in Table 3, then the sensor is working properly and the parameters of
the interface chip are within the defined specifications.
Table 9.
Operating mode selection
Operating mode
CTRL_REG1[3]
(LPen bit)
CTRL_REG4[3]
(HR bit)
BW [Hz]
Turn-on time [ms]
Low power mode (8-bit)
1
0
ODR/2
1
Normal mode (12-bit)
0
1
ODR/9
7/ODR(kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com