Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87303 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 58Page - National Semiconductor (TI) PC87303 Datasheet HTML 59Page - National Semiconductor (TI) PC87303 Datasheet HTML 60Page - National Semiconductor (TI) PC87303 Datasheet HTML 61Page - National Semiconductor (TI) PC87303 Datasheet HTML 62Page - National Semiconductor (TI) PC87303 Datasheet HTML 63Page - National Semiconductor (TI) PC87303 Datasheet HTML 64Page - National Semiconductor (TI) PC87303 Datasheet HTML 65Page - National Semiconductor (TI) PC87303 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 114 page
background image
50 FDC Functional Description (Continued)
250 kbps
TLC12074 – 21
300 kbps
TLC12074 – 22
500 kbps
TLC12074 – 23
1 Mbps
TLC12074 – 24
FIGURE 5-2 PC87303 Dynamic Window Margin Performance
(Typical performance at VDD e 50V 25 C)
55 CRYSTAL OSCILLATOR
The FDC is clocked by a single 24 MHz signal An on-chip
oscillator is provided to enable the attachment of a crystal
or a clock signal
A parallel resonant crystal is preferred if at all possible In
some cases a series resonant crystal can be used but care
must be taken to ensure that the crystal does not oscillate
at a sub-harmonic frequency The oscillator is able to work
with high profile low profile and surface mount type crystal
enclosures External bypass capacitors (5 pF to 10 pF)
should be connected from XTAL1 and XTAL2 to GND If an
external oscillator circuit is used it must have a duty cycle of
at least 40% – 60% and minimum input levels of 24V and
04V The controller should be configured so that the exter-
nal oscillator clock is input into the X1OSC pin and XTAL2
is left unconnected
56 PERPENDICULAR RECORDING MODE
The FDC is fully compatible with perpendicular recording
mode disk drives at all data rates These perpendicular
mode drives are also called 4 Mbyte (unformatted) or
288 Mbyte (formatted) drives which refers to their maxi-
mum storage capacity Perpendicular recording will orient
the magnetic flux changes (which represent bits) vertically
on the disk surface allowing for a higher recording density
than the conventional longitudinal recording methods With
this increase in recording density comes an increase in the
data rate of up to 1 Mbps thus doubling the storage capaci-
ty In addition the perpendicular 288M drive is readwrite
compatible with 144M and 720k diskettes (500 kbps and
250 kbps respectively)
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com