Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87303 Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 62Page - National Semiconductor (TI) PC87303 Datasheet HTML 63Page - National Semiconductor (TI) PC87303 Datasheet HTML 64Page - National Semiconductor (TI) PC87303 Datasheet HTML 65Page - National Semiconductor (TI) PC87303 Datasheet HTML 66Page - National Semiconductor (TI) PC87303 Datasheet HTML 67Page - National Semiconductor (TI) PC87303 Datasheet HTML 68Page - National Semiconductor (TI) PC87303 Datasheet HTML 69Page - National Semiconductor (TI) PC87303 Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 114 page
background image
60 Serial Ports (Continued)
Bit 2
This bit specifies the number of Stop bits transmit-
ted with each serial character If it is 0 one Stop
bit is generated in the transmitted data If it is 1
when a 5-bit data length is selected one and a
half Stop bits are generated If it is logic 1 when
either a 6- 7- or 8-bit word length is selected two
Stop bits are generated The receiver checks the
first Stop bit only regardless of the number of
Stop bits selected
Bit 3
This bit is the Parity Enable bit When it is 1 a
Parity bit is generated (transmit data) or checked
(receive data) between the last data bit and Stop
bit of the serial data (The Parity bit is used to
produce an even or odd number of 1s when the
data bits and the Parity bit are summed)
Bit 4
This bit is the Even Parity Select bit When parity is
enabled and bit 4 is 0 an odd number of logic 1s
is transmitted or checked in the data word bits and
Parity bit When parity is enabled and bit 4 is 1 an
even number of logic 1s is transmitted or checked
Bit 5
This bit is the Stick Parity bit When parity is en-
abled it is used in conjunction with bit 4 to select
Mark or Space Parity When LCR bits 3 4 and 5
are 1 the Parity bit is transmitted and checked as a
0 (Space Parity) If bits 3 and 5 are 1 and bit 4 is a
0 then the Parity bit is transmitted and checked as
1 (Mark Parity) If bit 5 is 0 Stick Parity is disabled
Bit 6
This bit is the Break Control bit It causes a break
condition to be transmitted to the receiving UART
When it is set to 1 the serial output (SOUT) is
forced to the Spacing state (0) The break is dis-
abled by setting bit 6 to 0 The Break Control bit
acts only on SOUT and has no effect on the trans-
mitter logic
Note that this feature enables the CPU to alert a
terminal If the following sequence is used no er-
roneous characters will be transmitted because of
the break
1 Wait for the transmitter to be idle (TEMT e 1)
2 Set break for the appropriate amount of time If
the transmitter will be used to time the break
duration then check that TEMT e 1 before
clearing the Break Control bit
3 Clear break when normal transmission has to
be restored
During the break the Transmitter can be used as
a character timer to accurately establish the break
duration by sending characters and monitoring
THRE and TEMT
Bit 7
This bit is the Divisor Latch Access Bit (DLAB) It
must be set high (logic 1) to access the Divisor
Latches of the Baud rate Generator during a Read
or Write operation or to have the Baud Out
(BOUT) signal appear on the BOUT pin It must be
set low (logic 0) to access any other register
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com