Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87303 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 11Page - National Semiconductor (TI) PC87303 Datasheet HTML 12Page - National Semiconductor (TI) PC87303 Datasheet HTML 13Page - National Semiconductor (TI) PC87303 Datasheet HTML 14Page - National Semiconductor (TI) PC87303 Datasheet HTML 15Page - National Semiconductor (TI) PC87303 Datasheet HTML 16Page - National Semiconductor (TI) PC87303 Datasheet HTML 17Page - National Semiconductor (TI) PC87303 Datasheet HTML 18Page - National Semiconductor (TI) PC87303 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 114 page
background image
10 Pin Description (Continued)
TABLE 1-1 Pin Descriptions (Alphabetical)
(Continued)
Symbol
Pin
IO
Function
TRK0
65
I
Track 0
This input indicates to the controller that the head of the selected floppy disk drive is at
track zero
VBAT
8
Battery
Real-Time Clock battery pin
VDD
1 17
Digital Supply
This is the 5V supply voltage for the digital circuitry
41 57
79 101
121 140
150
VDDA
61
Analog Supply
This pin is the 5V supply for the analog data separator
VLD01
87 98
I
Valid Data
These inputs are sensed during reset and determine the state of bit 5 in the FDC Tape
Drive Register (3F3h) Thus they determine whether bits 6 and 7 of this register contain valid media
id information for floppy drives 0 and 1 If VLD0 is sensed low at reset then whenever drive 0 is
accessed bit 5 of the Tape Drive Register is a 0 indicating that bits 6 and 7 contain valid media id
information If VLD0 is sensed high at reset then whenever drive 0 is accessed bit 5 of the Tape
Drive Register is a 1 indicating that bits 6 and 7 do not contain valid media id information The same
is true of VLD1 relative to the media id information for drive 1
If bit 0 of FCR is 1 the VLD bits have no meaning VLD0 value during reset is loaded into bit 0 of FCR
(to select between media sense or DRATE) A 30 kX internal pulldown resistor is present on each
pin Use a 10 kX resistor to pull these pins high during reset These strap option pins are CMOS input
buffers (See IDEHI DRID1 and DTR2 for further information)
VSSA
59
Analog Ground
This is the analog ground for the data separator
VSS
7 11
Digital Ground
This is the ground for the digital circuitry
32 40
58 70
71 80
81 92
102 115
120 130
136 139
149 160
WAIT
124
I
Wait
This signal is used in EPP mode by the parallel port device to extend its access cycle It is
active low (See BUSY and Table 7-5 for further information)
WR
43
I
Write
Active low input to signal to indicate a write from the microprocessor to the controller
WDATA
67
O
Write Data
This output is the write precompensated serial data that is written to the selected floppy
disk drive Precompensation is software selectable
WGATE
66
O
Write Gate
This output signal enables the write circuitry of the selected disk drive WGATE has been
designed to prevent glitches during power up and power-down This prevents writing to the disk when
power is cycled
WP
64
I
Write Protect
This input indicates that the floppy disk in the selected drive is write protected
WRITE
135
O
Write Strobe
This signal is used in EPP mode as a write strobe It is active low (See STB and Table
7-5 for further information)
X1OSC
30
I
Crystal1Clock
One side of an external 24 MHz crystal is attached here The other side is
connected to X2 If a crystal is not used a TTL or CMOS compatible clock is connected to this pin
X1C
9
I
Crystal1 Slow
Input for the internal Real-Time Clock crystal oscillator amplifier
X2C
10
O
Crystal2 Slow
Output for the internal Real-Time Clock crystal oscillator amplifier
X2
31
O
Crystal2
One side of an external 24 MHz crystal is attached here The other side is connected to
X1OSC This pin is left unconnected if an external clock is used
ZWS
24
O
Zero Wait State
This pin is the Zero Wait State open drain output pin ZWS is driven low when the
EPP or the ECP is written and the access can be shortened
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com