Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6516 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-43-
33H
bits [23:16] of switch base MAC address
[47:0]
SWITCH_MA
C_BASE
[7:0] 0
R/
W
34H
bits [15:8] of switch base MAC address
[47:0]
SWITCH_MA
C_BASE
[7:0] 0
R/
W
35H
bits [7:4] of switch base MAC address
[47:0]
SWITCH_MA
C_BASE
[7:4] 0
R/
W
40H
interrupt mask register
IRQSTS_MAS
K
[3:0] 4’b1111 R/
W
50H
CPU Soft Reset for the whole switch chip
reset
CPU_SOFT_R
ESET
[0]
1
R/
W
51H
Revision Control Register
REVISION_CT
L
[7:0] 0
R/O
2400H
MAC & I/O Control Module of Port 0
00H
configurable preamble bytes
PREAM_CFG
[2:0] 7
R/
W
01H
configurable frame gap in di bits for 1st
interval
IFG_CFG
[5:0] 32
R/
W
02H
Backoff configuration
BOFFCFG
[4:0] 5’b100
00
R/
W
03H
MAC media type configuration
MACCFG
[3:0] 0
R/
W
04H
IO port enable
IO_CFG
[1:0] 0
R/
W
10H-13H received good packet count
RCV_GOOD_P
KT
[31:0
]
0
R/O
14H-17H received bad packet count
RCV_BAD_PK
T
[31:0
]
0
R/O
18H-1BH drop packet counter
DROP_PKT
[31:0
]
0
R/O
1CH-1FH sent good packet count
XMT_GOOD_
PKT
[31:0
]
0
R/O
20H-23H sent bad packet counter
XMT_BAD_PK
T
[31:0
]
0
R/O
2800H
MAC & I/O Control Module of Port 1 as same as Port 0
2C00H
MAC & I/O Control Module of Port 2 as same as Port 0
3000H
MAC & I/O Control Module of Port 3 as same as Port 0
3400H
MAC & I/O Control Module of Port 4 as same as Port 0
3800H
MAC & I/O Control Module of Port 5 as same as Port 0
3C00H
MAC & I/O Control Module of Port 6 as same as Port 0
4000H
MAC & I/O Control Module of Port 7 as same as Port 0
4400H
MAC & I/O Control Module of Port 8 as same as Port 0
4800H
MAC & I/O Control Module of Port 9 as same as Port 0
4C00H
MAC & I/O Control Module of Port
10
as same as Port 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com