Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6516 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-63-
20H-
23H
sent bad packet counter
Formal Definition: "The number of outbound
packets that could not be transmitted because of
errors."
Accounting Event: re-transmission due to collision
or output FIFO underrun.
XMT_BA
D_PKT
[31:0
]
0
R/O
2800H MAC & I/O Control Module of Port 1
as same as Port 0
2C00
H
MAC & I/O Control Module of Port 2
as same as Port 0
3000H MAC & I/O Control Module of Port 3
as same as Port 0
3400H MAC & I/O Control Module of Port 4
as same as Port 0
3800H MAC & I/O Control Module of Port 5
as same as Port 0
3C00
H
MAC & I/O Control Module of Port 6
as same as Port 0
4000H MAC & I/O Control Module of Port 7
as same as Port 0
4400H MAC & I/O Control Module of Port 8
as same as Port 0
4800H MAC & I/O Control Module of Port 9
as same as Port 0
4C00
H
MAC & I/O Control Module of Port 10
as same as Port 0
5000H MAC & I/O Control Module of Port 11
as same as Port 0
5400H MAC & I/O Control Module of Port 12
as same as Port 0
5800H MAC & I/O Control Module of Port 13
as same as Port 0
5C00
H
MAC & I/O Control Module of Port 14
as same as Port 0
6000H MAC & I/O Control Module of Port 15
as same as Port 0
4.10 Registers of CPU IO Control Module
* Base Address: 6400H
Addres
s
(offset
)
Function
Register
Name
Bits
Defau
lt
Value
R/
W
00H
CPU packet read byte count register bits [7:0]
CPU can check the incoming packet length VIA the 11-bit register
PKT_BYTE_CNT [10:0] before starting to read it.
PKT_BYT
E_CNT
[7:0]
0
R/O
01H
CPU packet read byte count register bits [10:8]
PKT_BYT
E_CNT
[10:8
]
0
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com