Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6516 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-44-
5000H
MAC & I/O Control Module of Port
11
as same as Port 0
5400H
MAC & I/O Control Module of Port
12
as same as Port 0
5800H
MAC & I/O Control Module of Port
13
as same as Port 0
5C00H
MAC & I/O Control Module of Port
14
as same as Port 0
6000H
MAC & I/O Control Module of Port
15
as same as Port 0
6400H
CPU IO Control Module
00H
CPU packet read byte count register bits
[7:0]
PKT_BYTE_C
NT
[7:0] 0
R/O
01H
CPU packet read byte count register bits
[10:8]
PKT_BYTE_C
NT
[10:8
]
0
R/O
02H
CPU packet read status register
RD_PKT_STA
TUS
[1:0] 0
R/O
03H
Packet source port ID
PKT_SRC_PO
RT
[3:0] 0
R/O
04H
CPU IO port configuration register
CPUIO_CFG
[1:0] 0
R/
W
10H
CPU packet write status register
WR_PKT_STA
TUS
[2:0] 0
R/O
4. DETAIL OF SWITCH REGISTER
4.1 Registers of SDRAM Control Module
* Base Address: 0000H
Addres
s
(offset
)
Function
Register
Name
Bits
Defau
lt
Value
R/
W
00H
SDRAM TYPE:
0: 16Mbit SDRAM chip (default)
1: 64Mbit
This register has to be specified before initialization of the buffer
control because the Bank 1 free buffer pointer should have initial
value 130 for 16Mbit SDRAM, or, initial value 131 for 64Mbit
SDRAM.
SDRAMTYPE [0]
0
R/W
01H
CAS Latency for read operation:
2’b00: latency 1
2’b01: latency 2
2’b10: latency 3 (default)
This latency specifies the required delay between the CAS cycle and
the first read cycle. Note that the CAS latency has to be specified
before using RSDM in SDRAM initialization.
CL
[1:0]
2
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com