Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6516 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datasheet
6
FEATURES
l
Single chip 16/12 ports 10/100M Ethernet switch controller
-
Highly integrated single chip shared memory switch engine
-
With option for 16 RMII (Reduced Media Independent Interface) ports or 12 MII
(Media Independent Interface) ports
-
Non-blocking layer 2 switch, 148,810 packets/sec on each 100Mbps Ethernet port
l
Media Access Control (MAC)
-
Dual 192-bytes FIFO’s of receive and transmit for each port
-
CRC generator for outgoing packets from CPU port
-
IEEE 802.3X compliant flow control for full duplex ports
-
Backpressure for half duplex ports
l
Two switching mechanisms
-
Supports ‘store and forward’ switching without forwarding CRC-bad packets
-
Supports ‘cut through’ switching subject to long packets of length over 290 bytes for
100Mbps ports or of length over 98 bytes for 10Mbps ports
l
Packet buffering
-
Glueless 64-bit interface to SDRAM as a packet buffer pool with size from 2M bytes
(SGRAM) to 512 M bytes
-
1536 bytes for each packet buffer
l
External 32 bits SSRAM interface for forwarding table and memory link table
-
Link list structure initialized by software
-
2K up to 32K unicast/multicast addresses table entries with VLAN information
-
Supports static entries for upper-layer multicast protocols, e.g. IGMP
l
Advanced address recognition
-
Layer 2 MAC address recognition engine to enable wire-speed forwarding rate
-
Self learning mechanism
-
Supports multiple MAC address per-port from 2K up to 32K unicast/multicast
addresses
l
Switch management support
-
Supports port mirroring (Sniffer feature)
-
Supports spanning tree algorithm
-
Supports CPU direct access to SDRAM and SSRAM
-
Supports five statistical counters in each port
l
Supports I
2C EEPROM interface for customized configuration
l
Support port-grouping VLAN
-
Configurable server ports belonging to multiple VLAN groups
l
Support port-based trunking
-
Three types of trunk grouping: one trunk group with 2 or 4 ports, two trunk groups
each with 2 ports
-
Load balance according to MAC address and port number
l
CPU interface VIA 8/16 bits ISA-like interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com