Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6516 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-62-
03H
MAC media type configuration
bit 0: SPD_10M , value 0: 100Mbps, value 1: 10Mbps
bit 1: HALF_DPX , 1: half duplex, 0: full duplex
bit 2: RCV_FC_DIS , 1: disable receive flow control frame
0: enable receive flow control frame
bit 3: XMT_FC_DIS , 1: disable send flow control frame
0: enable send flow control frame
MACCFG [3:0] 0
R/
W
04H
IO port enable
bit 0: input port enable , 1: input enable, 0: input
disable
bit 1: output port enable , 1: output enable, 0:
output disable
IO_CFG
[1:0] 0
R/
W
10H-
13H
received good packet count
Accounting Event: receiving packets with CRC ok
and packet size between 64 and 1522 (valid
maximum packet size in spite of VLAN disabled or
enabled). Note that the RMON/MIB counter will be
locked during 4-byte continuous register-read, and
the increment (if any) is deferred until read
complete.
RCV_GO
OD_PKT
[31:0
]
0
R/O
14H-
17H
received bad packet count
Formal Definition: "The number of inbound packets
that contained errors preventing them from being
deliverable to a higher-layer protocol."
Accounting Events: (1) receiving valid-length
packets with CRC error, (2) receiving runt packets,
(3) receiving over-length packets
RCV_BAD
_PKT
[31:0
]
0
R/O
18H-
1BH
drop packet counter
Formal Definition: "The total number of events in
which packets were dropped by the probe due to
lack of resources. Note that this number is not
necessarily the number of packets dropped; it is just
the number of times this condition has been
detected."
Accounting Event: input FIFO overrun due to
SDRAM-bandwidth blocking or buffer starvation.
DROP_PK
T
[31:0
]
0
R/O
1CH-
1FH
sent good packet count
Accounting Event: store-and-forward transmission
success without collision
XMT_GO
OD_PKT
[31:0
]
0
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com