Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6516 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-46-
07H
SDRAM Command Drive Strength Configure
bit0: RDCSDV --- SDRAM Chip Select Drive Strength
bit1: RMADV --- SDRAM MA drive strength
(including RAS,CAS,WE,MA,BA)
bit2: RMDDV --- SDRAM MD drive strength
SDRAM_DR_
CFG
[2:0]
0
R/W
08H
SDRAM Bank Interleaving Disable
0: enable interleaving (default)
1: disable interleaving
BK_IL_DIS
[0]
0
R/W
4.2 Registers of SRAM Control Module
* Base Address: 0800H
Addres
s
(offset
)
Function
Register
Name
Bits
Defau
lt
Value
R/
W
00H
SRAM Read Command Interleave Disable
0: enable interleaving (default)
1: disable interleaving
SRAM_READ
_IL_DIS
[0]
0
R/W
4.3 Registers of Queue Control Module
* Base Address: 0C00H
Addres
s
(offset
)
Function
Register
Name
Bits
Defau
lt
Value
R/
W
00-
02H
Free Memory Flow Control Threshold register
As FREEMCNT(a register in buffer control) < FMFCT, the
congestion control function will be triggered to command the TMAC
module of the source port, destined to a congested port, to send out
a flow control frame for full duplex mode, or to make back-pressure
for half duplex mode. See the context about congestion control for
details.
Larger the threshold value more sensitive the congestion control
mechanism, i.e. maybe poor utilization for packet buffers but larger
packet loss rate. Smaller the threshold value less sensitive the
congestion control mechanism, i.e. maybe good utilization for
packet buffers but smaller packet loss rate. It depends on the
network configuration and traffic pattern. The recommended
threshold value is 256.
FMFCT
[18:0
]
0
R/
W
03H
Cut Through Enable
0: Disable Cut Through (default)
1: Enable Cut Through
Note: REMEMBER to enable the cut-through function to improve
the switching latency. For 100Mbps input port, the smallest latency
for cut-through is 288 bytes time (288x8x10 ns). For 10Mbps input
port, the smallest latency for cut-through is 96 bytes time (96x8x100
ns).
CUT_THROU
GH_EN
[0]
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com