Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6516 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-18-
RMII interface
See Ball
Table
CRS_DV[15:0
]
I
Carries sense and data valid from port 15 to port 0 :
See Ball
Table
RXD0[15:0]
I
Receive data zero from port 15 to port 0 :
See Ball
Table
RXD1[15:0]
I
Receive data one from port 15 to port 0 :
See Ball
Table
TXEN[15:0]
O
Transmit enable from port 15 to port 0 :
See Ball
Table
TXD0[15:0]
O
Transmit data zero from port 15 to port 0 :
See Ball
Table
TXD1[15:0]
O
Transmit data one from port 15 to port 0 :
Power Supply & Ground
See Ball
Table
VDD, VDDA
P
Positive 3.3V Supply: Supply power to Internal digital logic, Digital I/O
pads, and TD, TX pads. Double bonding may be required.
See Ball
Table
VSS, VSSA
G
Negative Supply: digital ground. Multiple bonding pads are required to
separate core and I/O pads ground.
JUMPER STRAPPING
Jumper
Pin
Description
HOST Clock
J1 [5-6], [3-4], [1-
2]
SYSLED[3:
1]
HOST Clock (HCLK) Rate Selection:
J1[OFF,OFF,OFF] (SYSLED[3:1]==3’b111)
=> 8MHz
J1[ OFF,OFF, ON] (SYSLED[3:1]==3’b110)
=> 16MHz
J1[OFF, ON, OFF] (SYSLED[3:1]==3’b101)
=> 25MHz
J1[OFF, ON, ON] (SYSLED[3:1]==3’b100)
=> 4MHz
J1[ ON,OFF,OFF] (SYSLED[3:1]==3’b011)
=> 33MHz
PHY Mode
J1 [7-8]
SYSLED[4] PHY Device Selection:
J1[OFF] (SYSLED[4]==1’b1)
=> RMII PHY
J1[ ON] (SYSLED[3:1]==1’b0)
=> MII PHY
SRAM Type
J1 [11-12,9-10]
SYSLED[6:
5]
SRAM Device Type Selection:
J1[OFF,OFF] (SYSLED[6:5]==2’b11)
=> 64K x 32 SRAM
J1[OFF,ON] (SYSLED[6:5]==2’b10)
=> 128K x 32 SRAM
J1[ON,OFF] (SYSLED[6:5]==2’b01)
=> 32K x 32 SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com