Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6516 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-59-
50H
CPU Soft Reset for the whole switch chip reset
For Read
0: soft reset in progress
1: soft reset done
For Write,
any value will trigger the whole chip reset
The soft reset is similar to power-on reset for the
switch chip, except that it is asserted by writing any
value to this register. The CPU soft reset has to take
16 RCLK50 cycles, i.e. 320ns, to make the switch
chip being reset and ready to CPU. For 8MHz 8051
CPU that an instruction cycle is 1.5
s, it needs to
wait for 4 CPU instruction cycles to continue after
the soft reset. Or, CPU can read this register
CPU_SOFT_RESET until value 1 is returned.
Note that reading this register will not cause the
address register to increment automatically. So,
consecutively reading from 2050H to 2051H should
not be applied. That is, any reading to 2051H has to
specify the address explicitly.
CPU_SOF
T_RESET
[0]
1
R/
W
51H
Revision ID Register
This register is used to record the revision code. Its
value is 0 for the first sample ICs.
REVISIO
N_ID
[7:0] 0
R/O
4.9 Registers of MAC/IO Control Module
* Base Address: 2400H
Addres
s
(offset
)
Function
Register
Name
Bits
Defau
lt
Value
R/
W
00H
configurable preamble bytes
This register specifies the preamble length (0..7
bytes) for outgoing packets.
PREAM_C
FG
[2:0] 7
R/
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com