Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6516 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-17-
See Ball
Table
TXD<3:0>[11:
0]
O
Transmit Data for Port 0-11:
TXD is a bundle of 4 data signals (TXD<3:0>) that shall transition to the
TCLK. For each TCLK period in which TXEN is asserted, TXD<3:0> are
accepted for transmission by the PHY. TXD<0> is the least significant bit.
While TXEN is de-asserted, TXD<3:0> shall have no effect upon the
PHY, and the value of TXD<3:0> is unspecified.
See Ball
Table
TXEN[11:0]
O
Transmit Enable for Port 0-11:
TXEN shall transition synchronous to the TCLK. TXEN indicates the
nibbles presenting on the MII for transmission. It shall be asserted
synchronously with the first nibble of the preamble and shall remain
asserted while all nibbles to be transmitted are presented to the MII.
See Ball
Table
COL[11:0]
I
Collision Detected for Port 0-11:
COL shall be asserted by the PHY asynchronously upon detection of a
collision on the medium, and shall remain asserted while the collision
condition persists.
See Ball
Table
CRS[11:0]
I
Carrier Sense for Port 0-11:
CRS shall be asserted by the PHY asynchronously upon detection of a
non-idle medium or while TX_EN is asserted. CRS shall be de-asserted by
the PHY asynchronously upon detection of idle conditions on both
transmit and receive media. The PHY shall ensure that CRS remains
asserted throughout the duration of a collision condition.
See Ball
Table
RXD<3:0>[11
:0]
I
Receive Data for Port 0-11:
RXD is a bundle of 4 data signals (RXD<3:0>) that shall transition to the
RCLK. For each RCLK period in which RXDV is asserted, RXD<3:0>
from the PHY are accepted by the switch’s MAC. RXD<0> is the least
significant bit. While RXDV is de-asserted, RXD<3:0> shall have no
effect upon the switch’s MAC, and the value of RXD<3:0> is unspecified.
See Ball
Table
RCLK[11:0]
I
Receive Clock for Port 0-11:
RCLK is sourced from the PHY. RCLK is a continuous clock that provides
the timing reference for the transfer of the RXDV and RXD signals from
the PHY. A PHY operating at 100Mbps must provide a RCLK frequency
of 25MHz and a PHY operating at 10Mbps must provide a RCLK
frequency of 2.5MHz.
See Ball
Table
RXDV[11:0]
I
Receive Data Valid for Port 0-11:
RXDV is driven by the PHY to indicate the nibbles presenting on the MII
for receiving. RXDV shall transition synchronous to the RCLK. It shall be
asserted synchronously with the first nibble of the preamble and shall
remain asserted while all nibbles to be received are presented to the MII.
Note: Some flat MII input pin when the VT6516 under the RMII application, please use 22 ohm resister
pull down, refer to Table XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com