Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST87YMX6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 8Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 9Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 10Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 11Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 12Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 13Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 14Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 15Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
M41ST87Y, M41ST87W
12/42
READ Mode
In this mode the master reads the M41ST87Y/W
slave after setting the slave address (see Figure
9., page 12). Following the WRITE Mode Control
Bit (R/W=0) and the Acknowledge Bit, the word
address 'An' is written to the on-chip address
pointer. Next the START condition and slave ad-
dress are repeated followed by the READ Mode
Control Bit (R/W=1). At this point the master trans-
mitter becomes the master receiver.
The data byte which was addressed will be trans-
mitted and the master receiver will send an Ac-
knowledge Bit to the slave transmitter. The
address pointer is only incremented on reception
of an Acknowledge Clock. The M41ST87Y/W
slave transmitter will now place the data byte at
address An+1 on the bus, the master receiver
reads and acknowledges the new byte and the ad-
dress pointer is incremented to An+2.
This cycle of reading consecutive addresses will
continue until the master receiver sends a STOP
condition to the slave transmitter (see Figure
10., page 13).
The system-to-user transfer of clock data will be
halted whenever the address being read is a clock
address (00h to 07h). The update will resume ei-
ther due to a Stop Condition or when the pointer
increments to a non-clock or RAM address.
Note: This is true both in READ Mode and WRITE
Mode.
An alternate READ Mode may also be implement-
ed whereby the master reads the M41ST87Y/W
slave without first writing to the (volatile) address
pointer. The first address that is read is the last
one
stored
in
the
pointer
(see
Figure
11., page 13).
Figure 9. Slave Address Location
AI00602
R/W
SLAVE ADDRESS
START
A
0
100
0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com