Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST87YMX6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 34Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 35Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 36Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 37Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 38Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 39Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 40Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 41Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
M41ST87Y, M41ST87W
40/42
PART NUMBERING
Table 20. Ordering Information Scheme
Note: 1. The SOX28 package includes an embedded 32,768Hz crystal.
2. Lead-free second level interconnect and RoHS compliant (by exemption).
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Example:
M41ST
87Y
MX
6
Device Type
M41ST
Supply Voltage and Write Protect Voltage
87Y = VCC = 4.75 to 5.5V
THS Bit = '1': 4.50V
≤ VPFD ≤ 4.75V
VCC = 4.5 to 5.5V
THS Bit = '0': 4.20V
≤ VPFD ≤ 4.50V
87W = VCC = 3.0 to 3.6V;
THS Bit = '1': 2.80V
≤ VPFD ≤ 3.00V
VCC = 2.7 to 3.6V;
THS Bit = '0': 2.55V
≤ VPFD ≤ 2.70V
Package
MX(1,2) = SOX28
Temperature Range
6 = –40 to 85°C
Shipping Method
blank = Tubes
TR = Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com