Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST87YMX6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 10Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 11Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 12Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 13Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 14Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 15Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 16Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 17Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
M41ST87Y, M41ST87W
14/42
WRITE Mode
In this mode the master transmitter transmits to
the M41ST87Y/W slave receiver. Bus protocol is
shown in Figure 12., page 14. Following the
START condition and slave address, a logic '0' (R/
W=0) is placed on the bus and indicates to the ad-
dressed device that word address An will follow
and is to be written to the on-chip address pointer.
The data word to be written to the memory is
strobed in next and the internal address pointer is
incremented to the next memory location within
the RAM on the reception of an acknowledge
clock. The M41ST87Y/W slave receiver will send
an acknowledge clock to the master transmitter af-
ter it has received the slave address (see Figure
9., page 12) and again after it has received the
word address and each data byte.
Figure 12. WRITE Mode Sequence
Figure 13. WRITE Cycle Timing: RTC & External SRAM Control Signals
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS
AI03663
EX
ECON
tEXPD
tEXPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com