Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST87YMX6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 21Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 22Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 23Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 24Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 25Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 26Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 27Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 28Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
25/42
M41ST87Y, M41ST87W
Table 7. TIMEKEEPER® Register Map
Keys: 0 = Must be set to zero
32kE = 32kHz Output Enable Bit
ABE = Alarm in Battery Back-Up Mode Enable Bit
AF = Alarm flag (Read only)
AFE = Alarm Flag Enable Bit
BL = Battery Low Flag (Read only)
BMB0-BMB4 = Watchdog Multiplier Bits
CB0-CB1 = Century Bits
CLR (1 and 2) = RAM Clear Bits
CLR (1 and 2)EXT = RAM Clear External Bits
CLRPW0 = RAM Clear Pulse Width 0 Bit
CLRPW1 = RAM Clear Pulse Width 1 Bit
FT = Frequency Test Bit
HT = Halt Update Bit
OF = Oscillator Fail Bit
OFIE = Oscillator Fail Interrupt Enable Bit
OUT = Output level
PFOD = Power-fail Output Open Drain Bit
RB0-RB1 = Watchdog Resolution Bits
RPT1-RPT5 = Alarm Repeat Mode Bits
RS0-RS3 = SQW Frequency
S = Sign Bit
SQWE = Square Wave Enable
SQWOD = Square Wave Open Drain Bit
ST = Stop Bit
TB (1 and 2) = Tamper Bits (Read only)
TCHI/TCLO (1 and 2) = Tamper Current Hi/Tamper Current
Low Bits
TCM (1 and 2) = Tamper Connect Mode Bits
TDS (1 and 2) = Tamper Detect Sampling Bits
TEB (1 and 2) = Tamper Enable Bits
THS = Threshold Bit
TIE (1 and 2) = Tamper Interrupt Enable Bits
TPM (1 and 2) = Tamper Polarity Mode Bits
TR = trec Bit
WDS = Watchdog Steering Bit
WDF = Watchdog flag (Read only)
Addr
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
00h
0.1 Seconds
0.01 Seconds
10s/100s
Seconds
00-99
01h
ST
10 Seconds
Seconds
Seconds
00-59
02h
OFIE
10 Minutes
Minutes
Minutes
00-59
03h
CB1
CB0
10 Hours
Hours (24 Hour Format)
Century/
Hours
0-1/
00-23
04h
TR
THS
CLRPW1
CLRPW0
32kE
Day of Week
Day
01-7
05h
PFOD
0
10 Date
Date: Day of Month
Date
01-31
06h
0
0
0
10M
Month
Month
01-12
07h
10 Years
Year
Year
00-99
08h
OUT
FT
S
Calibration
Control
09h
WDS
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
0Ah
AFE
SQWE
ABE
Al 10M
Alarm Month
Al Month
01-12
0Bh
RPT4
RPT5
AI 10 Date
Alarm Date
Al Date
01-31
0Ch
RPT3
HT
AI 10 Hour
Alarm Hour
Al Hour
00-23
0Dh
RPT2
Alarm 10 Minutes
Alarm Minutes
Al Min
00-59
0Eh
RPT1
Alarm 10 Seconds
Alarm Seconds
Al Sec
00-59
0Fh
WDF
AF
0
BL
0
OF
TB1
TB2
Flags
10h
0
0
0
0
0
0
0
0
Reserved
11h
0
0
0
0
0
0
0
0
Reserved
12h
0
0
0
0
0
0
0
0
Reserved
13hRS3
RS2RS1
RS0
SQWOD
0
0
0
SQW
14h
TEB1
TIE1
TCM1
TPM1
TDS1
TCHI/
TCLO1
CLR1EXT
CLR1
Tamper1
15h
TEB2
TIE2
TCM2
TPM2
TDS2
TCHI/
TCLO2
CLR2EXT
CLR2
Tamper2
16h-1Dh
ROM
Serial
Number
8-Byte
1Eh-1Fh
Reserved
2-Byte
20h-9Fh
128 User
Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com