Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST87YMX6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 33Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 34Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 35Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 36Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 37Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 38Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 39Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 40Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
37/42
M41ST87Y, M41ST87W
Table 17. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V or 2.7 to 3.6V (except where noted).
2. Measured with VOUT and ECON open. Not including Tamper Detection Current (see Table 4., page 18).
3. RSTIN1 and RSTIN2 internally pulled-up to VCC through 100KΩ resistor. WDI internally pulled-down to VSS through 100KΩ resistor.
4. Outputs Deselected.
5. External SRAM must match RTC SUPERVISOR chip VCC specification.
6. For rechargeable back-up, VBAT (max) may be considered VCC.
7. For PFO1 and PFO2 (if PFOD = '0'), SQW/FT (if SQWOD = '0'), and TPCLR pins (CMOS).
8. Conditioned output (ECON) can only sustain CMOS leakage current in the battery back-up mode. Higher leakage currents will re-
duce battery life.
9. TPCLR output can source –300µA (typ) for VBAT = 2.9V.
10. For IRQ/OUT, SQW/FT (if SQWOD = '1'), PFO1 and PFO2 (if PFOD = '1'), RST, SDA, and F32k pins (Open Drain).
Sym
Parameter
Test Condition(1)
M41ST87Y
M41ST87W
Unit
Min
Typ
Max
Min
Typ
Max
IBAT
(2)
Battery Current
OSC ON
TA = 25°C, VCC = 0V,
VBAT = 3V
500
700
500
700
nA
Battery Current
OSC OFF
50
50
nA
ICC1
Supply Current
f = 400kHz
1.4
0.75
mA
ICC2
Supply Current
(Standby)
SCL, SDA = VCC –
0.3V
10.50
mA
ILI
(3)
Input Leakage
Current
0V
≤ VIN ≤ VCC
±1
±1
µA
Input Leakage
Current (PFI)
–25
2
25
–25
2
25
nA
ILO
(4)
Output Leakage
Current
0V
≤ VIN ≤ VCC
±1
±1
µA
IOUT1
(5)
VOUT Current
(Active)
VOUT1 > VCC – 0.3V
175
100
mA
IOUT2
VOUT Current
(Battery Back-up)
VOUT2 > VBAT – 0.3V
100
100
µA
VIH
Input High Voltage
0.7VCC
VCC +
0.3
0.7VCC
VCC +
0.3
V
VIL
Input Low Voltage
–0.3
0.3VCC
–0.3
0.3VCC
V
VBAT
Battery Voltage
2.5
3.0
3.5(6)
2.5
3.0
3.5(6)
V
VOH
(7)
Output High Voltage
IOH = –1.0mA
2.4
2.4
V
Pull-up Supply
Voltage (Open
Drain)
IRQ/OUT, RST, F32k
5.5
3.6
V
VOHB
(8)
VOH (Battery Back-
up)
IOUT2 = –1.0µA
(9)
2.9
2.9
V
VOL
Output Low Voltage
IOL = 3.0mA
0.4
0.4
V
Output Low Voltage
(Open Drain)(10)
IOL = 10mA
0.4
0.4
V
VPFD
Power Fail Deselect
THS Bit = 0
4.20
4.35
4.50
2.55
2.62
2.70
V
THS Bit = 1
4.50
4.60
4.75
2.80
2.88
3.00
V
VPFI1
PFI Input Threshold
VCC = 5V(Y)
VCC = 3V(W)
1.225
1.250
1.275
1.225
1.250
1.275
V
PFI Hysteresis
PFI Rising
20
70
20
70
mV
VPFI2
PFI Input Threshold
VCC = 5V(Y)
VCC = 3V(W)
1.225
1.250
1.275
1.225
1.250
1.275
V
PFI Hysteresis
PFI Rising
20
70
20
70
mV
VSO
Battery Back-up
Switchover
2.5
2.5
V
RSW
Switch Resistance
on Tamper Pin
500
500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com