Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST87YMX6 Datasheet(PDF) 31 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 27Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 28Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 29Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 30Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 31Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 32Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 33Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 34Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31/42
M41ST87Y, M41ST87W
Power-on Reset
The M41ST87Y/W continuously monitors VCC.
When VCC falls to the power fail detect trip point,
the RST pulls low (open drain) and remains low on
power-up for trec after VCC passes VPFD(max).
The RST pin is an open drain output and an appro-
priate pull-up resistor should be chosen to control
rise time.
Note: A Power-on Reset will result in resetting the
following control bits to '0': OFIE, AFE, ABE,
SQWE, FT, WDS, BMB0-BMB4, RB0, RB1, TIE1,
and TIE2 (see Table 13., page 34).
Reset Inputs (RSTIN1 & RSTIN2)
The M41ST87Y/W provides two independent in-
puts which can generate an output reset. The
function of these resets is identical to a reset gen-
erated by a power cycle. Table 10 and Figure 26
illustrate the AC reset characteristics of this func-
tion. Pulses shorter than tR1 and tR2 will not gener-
ate a reset condition. RSTIN1 and RSTIN2 are
each internally pulled up to VCC through a 100kΩ
resistor.
Figure 26. RSTIN1 & RSTIN2 Timing Waveforms
Table 10. Reset AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V or 2.7 to 3.6V (except where noted).
2. Pulse widths of less than 100ns will result in no RESET (for noise immunity).
3. Programmable (see Table 12., page 33). Same function as Power-on Reset.
Symbol
Parameter(1)
Min
Max
Unit
tR1
(2)
RSTIN1 Low to RST Low (min pulse width)
100
200
ns
tR2
(2)
RSTIN2 Low to RSTIN2 High (min pulse width)
100
200
ns
trec
(3)
RSTIN1 or RSTIN2 High to RST High
96
98(3)
ms
AI07072
RSTIN1
RST
RSTIN2
tR1
trec
Hi-Z
tR2
trec
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com