Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST87YMX6 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 16Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 17Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 18Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 19Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 20Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 21Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 22Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 23Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
M41ST87Y, M41ST87W
20/42
Figure 19. Tamper Output Timing (with CLR1EXT or CLR2EXT = '1')
Note: 1. If connected to a negative charge pump device, this pin must be isolated from the charge pump by using both n-channel and p-
channel MOSFETs as illustrated in Figure 20., page 21.
2. If the device is in battery back-up; NOT on VCC (see RAM Clear External (CLR1EXT and CLR2EXT), page 18).
3. If TIEX = '1.'
4. If ABE = '1.'
Table 5. Tamper Detect Timing
Note: 1. With input capacitance = 70pF and resistance = 50
Ω.
2. If the OF Bit is set, tCLRD(min) = 0.5ms.
Symbol
Parameter
CLRPW1
CLRPW0
Min
Typ
Max
Unit
tCLRD
(1)
Tamper RAM Clear Ext Delay
X
X
1.0(2)
1.5
2.0
ms
tCLR
Tamper Clear Timing
00
1
s
01
4
s
10
8
s
11
16
s
TPCLR
VOUT
(1)
RST
Tamper
Event
(TB Bit set)
High-Z(2)
trec
tCLR
tCLRD
AI07083
ECON
IRQ/OUT
(3)
High-Z
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com