Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST87YMX6 Datasheet(PDF) 34 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 30Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 31Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 32Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 33Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 34Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 35Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 36Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 37Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
M41ST87Y, M41ST87W
34/42
Table 13. Default Values
Note: All other control bits are undetermined.
Note: 1. UC = Unchanged.
2.
⇑ = V
CC rising; ⇓ = VCC falling.
3. When TEBX is set to '1,' the HT Bit will not be set on power-down (Tamper Time-Stamp will have precedence).
4. WDS, BMB0-BMB4, RB0, RB1.
5. 32kHz output valid only on VCC.
Condition
TR
ST
OF
OFIE
HT(3)
Out
FT
AFE
Initial Power-up
00101100
Subsequent Power-up (with
battery back-up)(1,2)
UC
UC
UC
0
⇑
1
⇓
UC
0
⇓
0
⇑
Condition
ABE
SQWE
SQWOD
PFOD
WATCHDOG Register(4)
Initial Power-up
0011
0
Subsequent Power-up (with
battery back-up)(1,2)
0
⇑
0
⇑
UC
UC
0
⇓
Condition
32kE
THS
TEB1 and 2
TCM1 and 2
TPM1 and 2
TDS1 and 2
Initial Power-up
1(5)
00000
Subsequent Power-up (with
battery back-up)(1)
UC
UC
UC
UC
UC
UC
Condition
TCHI/TCLO1
and 2
CLR1 and 2
TIE1 and 2
CLRPW0
CLRPW1
CLR1EXT
and
CLR2EXT
Initial Power-up
000000
Subsequent Power-up (with
battery back-up)(1)
UC
UC
0
⇑
UC
UC
UC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com