Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST87YMX6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 18Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 19Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 20Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 21Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 22Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 23Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 24Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 25Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
M41ST87Y, M41ST87W
22/42
Tamper Detection Operation
The Tamper Pins are triggered based on the state
of an external switch. Two switch mode options
are available, “Normally Open” or “Normally
Closed,” based on the setting of the Tamper Con-
nect Mode Bit (TCMX). If the selected switch mode
is Normally Open (TCMX = '1'), the Tamper Pin will
be triggered by being connected to VSS (if the
TPMX Bit is set to '0') or to VCC (if the TPMX Bit is
set to '1'), through the closing of the external
switch. When the external switch is closed, the
Tamper Bit will be immediately set, allowing the
user to determine if the device has been physically
tampered with. If the selected switch mode is Nor-
mally Closed (TCMX = '0'), the Tamper Pin will be
triggered by being pulled to VSS or to VOUT (de-
pending on the state of the TPMX Bit), through an
internal pull-up/pull-down resistor as a result of
opening the external switch.
When a tamper event occurs, the Tamper Bits
(TB1 and/or TB2) will be immediately set if TEBX =
'1.'
If the Tamper Interrupt Enable Bit (TIEX) is set to a
'1,' the IRQ/OUT pin will also be activated. The
IRQ/OUT output is cleared by a READ of the Flags
Register (as seen in Figure 24., page 28), a reset
of the TIE Bit to '0,' or the RST output is enabled.
Note: In order to avoid an inadvertent activation of
the IRQ/OUT pin due to a prior tamper event, the
Flag Register (0Fh) should be read prior to reset-
ting the TEBX Bit.
The Tamper Bits are “Read only” bits and are reset
only by writing the Tamper Enable Bit (TEBX) to '0.'
The Tamper Detect function operates both under
normal power, and in battery back-up. Even if the
trigger event occurs during a power-down condi-
tion, the bit will be set correctly.
Sampling
As the Switch Mode Normally Closed (TCMX ='0')
requires a greater amount of current to maintain
constant monitoring, the M41ST87Y/W offers a
programmable
Tamper
Detect
Sampling
Bit
(TDSX) to reduce the current drawn on VCC or
VBAT (see Figure 17., page 19). When enabled,
the sampling frequency is once per second (1Hz),
for approximately 1ms.
When TEBX is disabled, no current will be drawn
by the Tamper Detection Circuit. After a tamper
event has been detected, no additional current will
be drawn.
Note: The oscillator must be running for Tamper
Detection to operate in the sampling mode. If the
oscillator is stopped, the Tamper Detection Circuit
will revert to constant monitoring.
Note: Sampling in the Tamper High Mode
(TPMX = '1') may be bypassed while on VCC by
connecting the TPXIN pin to VCC through an exter-
nal resistor. This will allow constant monitoring
when VCC is “On” and revert to sampling when in
battery back-up (see Figure 14., page 16).
Internal Tamper Pull-up/down Current
Depending on the capacitive and resistive loading
of the Tamper Pin Input (TPXIN), the user may re-
quire more or less current from the internal pull-up/
down used when monitoring the Normally Closed
switch mode. The state of the Tamper Current Hi/
Tamper Current Low Bit (TCHI/TCLOX) deter-
mines the sizing of the internal pull-up/-down.
TCHI/TCLOX = '1' uses a 1MΩ pull-up/-down re-
sistor, while TCHI/TCLOX = '0' uses a 10MΩ pull-
up/-down resistor (see Figure 18., page 19).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com