Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST87YMX6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 26Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 27Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 28Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 29Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 30Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 31Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 32Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 33Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
M41ST87Y, M41ST87W
30/42
Square Wave Output
The M41ST87Y/W offers the user a programma-
ble square wave function which is output on the
SQW/FT pin. RS3-RS0 bits located in 13h estab-
lish the square wave output frequency. These fre-
quencies are listed in Table 9. Once the selection
of the SQW frequency has been completed, the
SQW/FT pin can be turned on and off under soft-
ware control with the Square Wave Enable Bit
(SQWE) located in Register 0Ah.
The SQW/FT output is programmable as an N-
channel, open drain output driver, or a full-CMOS
output driver. By setting the Square Wave Open
Drain Bit (SQWOD) to a '1,' the output will be con-
figured as an open drain (with IOL as specified in
Table 17., page 37). When SQWOD is set to '0,'
the output will be configured as full-CMOS (sink
and
source
current
as
specified
in
Table
17., page 37).
Note: When configured as open drain (SQWOD =
'1'), the SQW/FT pin requires an external pull-up
resistor.
Table 9. Square Wave Output Frequency
Full-time 32kHz Square Wave Output
The M41ST87Y/W offers the user a special 32kHz
square wave function which defaults to output on
the F32k pin (Pin 21) as long as VCC ≥ VSO, and the
oscillator is running (ST Bit = '0'). This function is
available within one second (typ) of initial power-
up and can only be disabled by setting the 32kE
Bit to '0' or the ST Bit to '1.' If not used, the F32k pin
should be disconnected and allowed to float.
Note: The F32k pin is an open drain which requires
an external pull-up resistor.
Square Wave Bits
Square Wave
RS3
RS2
RS1
RS0
Frequency
Units
00
00
None
–
0
0
0
1
32.768
kHz
00
10
8.192
kHz
00
11
4.096
kHz
01
00
2.048
kHz
01
01
1.024
kHz
01
10
512
Hz
01
11
256
Hz
10
00
128
Hz
10
01
64
Hz
10
10
32
Hz
10
11
16
Hz
11
008
Hz
11
014
Hz
11
102
Hz
11
111
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com