Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST87YMX6 Datasheet(PDF) 33 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 29Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 30Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 31Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 32Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 33Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 34Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 35Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 36Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
33/42
M41ST87Y, M41ST87W
Electronic Serial Number
The M41ST87Y/W has a unique 8-Byte lasered,
serial number with parity. This serial number is
“Read only” and is generated such that no two de-
vices will contain an identical number.
Oscillator Stop Detection
If the Oscillator Fail (OF) Bit is internally set to a '1,'
this indicates that the oscillator has either stopped,
or was stopped for some period of time and can be
used to judge the validity of the clock and date da-
ta. This bit will be set to '1' any time the oscillator
stops. The following conditions can cause the OF
Bit to be set:
– The first time power is applied (defaults to a '1'
on power-up).
– The voltage present on VCC or battery is insuffi-
cient to support oscillation.
– The ST Bit is set to '1.'
If the Oscillator Fail Interrupt Enable Bit (OFIE) is
set to a '1,' the IRQ/OUT pin will also be activated.
The IRQ/OUT output is cleared by resetting the
OF Bit to '0,' resetting the OFIE Bit to '0,' or the
RST output is enabled (NOT by reading the Flag
Register).
The OF Bit will remain set to '1' until written to logic
'0.' The oscillator must start and have run for at
least 4 seconds before attempting to reset the OF
Bit to '0.' This function operates both under normal
power and in battery back-up. If the trigger event
occurs during a power-down condition, this bit will
be set correctly.
Note: The ABE Bit must be set to '1' for the IRQ/
OUT pin to be activated in battery back-up.
Initial Power-on Defaults
See Table 13., page 34.
Table 11. Century Bits Examples
Note: 1. Leap year occurs every four years (for years evenly divisible by four), except for years evenly divisible by 100. The only exceptions
are those years evenly divisible by 400 (the year 2000 was a leap year, year 2100 is not).
Table 12. trec Definitions
Note: 1. Default Setting
CB0
CB1
Leap Year?
Example(1)
00
Yes
2000
0
1
No
2100
1
0
No
2200
1
1
No
2300
trec Bit (TR)
STOP Bit (ST)
trec Time
Units
Min
Max
00
96
98(1)
ms
0
1
40
200
ms
1
X
50
2000
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com