| Electronic Components Datasheet Search |
|
259481A Marking, TPS259481AYWPR Datasheet(PDF) 33 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
TPS259481AYWPR Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 56 page ![]() 9 Application and Implementation Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes, as well as validating and testing their design implementation to confirm system functionality. 9.1 Application Information The TPS25948x is a 3.5 V to 23 V, 8-A eFuse that is typically used for power rail protection applications. It operates from 3.5 V to 23 V with adjustable overvoltage and undervoltage protection. It provides ability to control inrush current and protection against reverse current conditions. It can be used in a variety of systems such as adapter or charger input protection, USB PD protection in smartphone, tablet, PC, notebook, monitor, dock, server and PC motherboard, add-on cards, enterprise storage – RAID/HBA/SAN/eSSD, power MUXing/ ORing. The design procedure explained in the subsequent sections can be used to select the supporting component values based on the application requirement. Additionally, a spreadsheet design tool TPS25948x Design Calculator is available in the web product folder. 9.2 Single Device, Self-Controlled TPS259480x IN OUT EN/UVLO ILM dVdt GND V IN = 3.5 to 23 V V OUT C OUT OVLO SPLYGD FLT ITIMER TPS259482x IN OUT EN/UVLO ILM dVdt GND V IN = 3.5 to 23 V V OUT C OUT OVLO SPLYGD RCBCTRL ITIMER V LOGIC TPS259481x IN OUT EN/UVLO ILM dVdt GND V IN = 3.5 to 23 V V OUT C OUT OVLO SPLYGD RCBCTRL ITIMER V LOGIC V LOGIC Figure 9-1. Single Device, Self-Controlled Other variations: In a Host MCU controlled system, EN/UVLO or OVLO can also be driven from the host GPIO to control the device. ILM pin can be connected to the MCU ADC input for current monitoring purpose. www.ti.com TPS25948 SLVSGT9A – FEBRUARY 2023 – REVISED SEPTEMBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 33 Product Folder Links: TPS25948 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |