Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

259481A Marking, TPS259481AYWPR Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS259481AYWPR
Description  TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS259481AYWPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS259481AYWPR Datasheet HTML 35Page - Texas Instruments TPS259481AYWPR Datasheet HTML 36Page - Texas Instruments TPS259481AYWPR Datasheet HTML 37Page - Texas Instruments TPS259481AYWPR Datasheet HTML 38Page - Texas Instruments TPS259481AYWPR Datasheet HTML 39Page - Texas Instruments TPS259481AYWPR Datasheet HTML 40Page - Texas Instruments TPS259481AYWPR Datasheet HTML 41Page - Texas Instruments TPS259481AYWPR Datasheet HTML 42Page - Texas Instruments TPS259481AYWPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
When the bus voltages (IN1 and IN2) are matched, device in each path sees a forward voltage drop and is
ON delivering the load current. During this period, current is shared between the rails in the ratio of differential
voltage drop across each device.
In addition to supply ORing, the devices protect the system from overvoltage, excessive inrush current, overload
and short-circuit faults at all times.
Note
ORing can be done either between two similar rails or between dissimilar rails. For ORing cases with
skewed voltage combinations, the dVdt pin capacitor rating should be chosen based on the highest of
the 2 supplies. Refer to Recommended Operating Conditions table for more details.
9.5 Priority Power MUXing
Applications having two energy sources such as PCIe cards, Tablets and Portable battery powered equipment
require preference of one source to another. For example, mains power (wall-adapter) has the priority over the
internal battery back-up power. These applications demand for switchover from mains power to backup power
only when main input voltage falls below a user defined threshold. The TPS25948xx devices provide a simple
solution for priority power multiplexing needs.
Figure 9-14 shows a typical priority power multiplexing implementation using TPS259480x devices. When
primary (priority) power source (IN1) is present and within the valid range (not in UV/OV condition), the primary
path device path powers the OUT bus irrespective of whether auxiliary supply voltage (VIN2) is greater than,
equal to or less than primary supply voltage (VIN1). The device in auxiliary path is held in off condition by forcing
its OVLO pin to high using the SPLYGD signal from the primary path device.
Once the primary supply voltage falls outside the user-defined valid operating range (UV/OV condition), the
primary path device de-asserts the SPLYGD which signals the auxiliary path device to turn on and the system
starts operating from the auxiliary supply. During this transition, the auxiliary path device bypasses its dVdt
limited startup and performs a fast recovery to start delivering power within tSWOV.
When the primary supply is restored, the primary path device turns on fully at a defined slew rate and then
asserts its SPLYGD pin high to turn the auxiliary path device off, allowing a seamless transition from auxiliary to
the primary supply with minimal output voltage droop and with no shoot-through current.
A key consideration in power MUXing applications is the minimum voltage the output bus droops to during the
switchover from one supply to another. This in turn depends on multiple factors including the output load current
(ILOAD), output bus hold-up capacitance (COUT) and switchover time (tSW).
While switching from primary supply (VIN1) to auxiliary supply (VIN2), the minimum bus voltage can be calculated
using Equation 15. Here, the switchover time (tSW) is equal to the fast OVLO recovery time (tSWOV) taken by the
TPS259480x variants to turn on fully and start delivering current to the load.
VOUT,min (V) = min (VIN1, VIN2) ‐ tSW (µs) × ILOAD (A)
COUT (µF)
(15)
While switching from auxiliary supply (VIN2) to primary supply (VIN1), the minimum bus voltage can be calculated
using Equation 16. Here the maximum switchover time is equal to the RCB recovery time (tSWRCB), depending
on whether VIN1 is equal to or lower than VIN2 to start with.
VOUT,min (V) = min (VIN1, VIN2) ‐ VFWDTH (V) ‐ tSWRCB (µs) × ILOAD (A)
COUT (µF)
(16)
The SPLYGD pins of the devices can be used as a digital indication to identify which of the 2 supplies is active
and delivering power to the load.
www.ti.com
TPS25948
SLVSGT9A – FEBRUARY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TPS25948



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com