Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

259481A Marking, TPS259481AYWPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS259481AYWPR
Description  TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS259481AYWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS259481AYWPR Datasheet HTML 1Page - Texas Instruments TPS259481AYWPR Datasheet HTML 2Page - Texas Instruments TPS259481AYWPR Datasheet HTML 3Page - Texas Instruments TPS259481AYWPR Datasheet HTML 4Page - Texas Instruments TPS259481AYWPR Datasheet HTML 5Page - Texas Instruments TPS259481AYWPR Datasheet HTML 6Page - Texas Instruments TPS259481AYWPR Datasheet HTML 7Page - Texas Instruments TPS259481AYWPR Datasheet HTML 8Page - Texas Instruments TPS259481AYWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
1 Features
• Wide operating input voltage range: 3.5 V to 23 V
– 28-V absolute maximum
– Can be powered from either IN or OUT
• Integrated back-to-back FETs with low On-
resistance: RON = 12.2 mΩ (typ.)
• Ideal diode operation with true reverse current
blocking (RCB)
– External pin control (RCBCTRL) to disable
RCB and allow bi-directional power delivery
in steady-state to support USB OTG or DRP
operation
• Fast overvoltage protection
– Adjustable overvoltage lockout (OVLO) with 1-
μs (typ.) response time
• Overcurrent protection with load current monitor
output (ILM)
– Active current limit response
– Adjustable threshold (ILIM) 1 A–9 A
• ±10% accuracy (max) for ILIM > 3 A
– Adjustable transient blanking timer (ITIMER) to
allow peak currents > ILIM
– Output load current monitor accuracy: ±6%
(typ.) (IOUT ≥ 3 A)
• Fast-trip response for short-circuit protection
– < 1-μs (typ.) response time
– Adjustable and fixed thresholds
• Active high enable input with adjustable
undervoltage lockout threshold (UVLO)
• Adjustable output slew rate control (dVdt)
• Overtemperature protection
• Digital outputs: Supply Good (SPLYGD/SPLYGD)
and fault indication (FLT)
• UL 2367 recognition (planned)
• IEC 62368-1 CB certification (planned)
• Small footprint: PowerWCSP 2.4 mm × 1.7 mm,
0.5-mm pitch
2 Applications
• Adapter and charger input protection
• USB PD protection: smartphone, tablet, PC,
notebook, monitor, dock
• Server motherboard, add-on cards
• Enterprise storage: HBA, SAN, and eSSD
• Power MUXing and ORing
3 Description
The TPS25948xx family of eFuses is a highly
integrated, circuit-protection and power-management
solution in a small package. The devices provide
multiple protection modes that use few external
components and are a robust defense against
overloads, short-circuits, voltage surges, reverse
polarity, and excessive inrush current. With integrated
back-to-back FETs, reverse current flow from output
to input is blocked at all times, making the devices
well suited for power MUX and ORing applications, as
well as systems that need load side energy hold up
storage if input power supply fails. The devices use a
linear ORing based scheme to ensure almost zero DC
reverse current and emulate ideal diode behavior with
minimum forward voltage drop and power dissipation.
The devices also provide an external pin control
option to disable the reverse current blocking and
allow bi-directional power delivery in steady-state.
Output slew rate and inrush current can be adjusted
using a single external capacitor. Loads are protected
from input overvoltage conditions by cutting off the
output if input exceeds an adjustable overvoltage
threshold. The devices respond to output overload by
actively limiting the current. The output current limit
threshold as well as the transient overcurrent blanking
timer are user adjustable. The current limit control pin
also functions as an analog load current monitor.
The devices are available in a 2.4-mm × 1.7-mm, 12-
ball power wafer chip scale package (PowerWCSP)
for improved thermal performance and reduced
system footprint.
The devices are characterized for operation over a
junction temperature range of –40°C to +125°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TPS25948xxYWP
YWP (PWCSP, 12)
2.43 mm × 1.71 mm
(1)
For all available variants, see the orderable addendum at the
end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TPS259480x
IN
OUT
EN/UVLO
ILM
dVdt
GND
V
IN = 3.5 to 23 V
R
ILM
V
OUT
C
OUT
OVLO
SPLYGD
FLT
ITIMER
C
DVDT
C
ITIMER
V
LOGIC
Simplified Schematic
TPS25948
SLVSGT9A – FEBRUARY 2023 – REVISED SEPTEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Description - TPS259481AYWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25981 TI-TPS25981_V01 Datasheet
5Mb / 50P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JULY 2022
TPS25985 TI-TPS25985_V01 Datasheet
6Mb / 69P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS25990 TI-TPS25990 Datasheet
6Mb / 74P
TPS25990 2.9 V – 16 V, 0.79-mΩ, 60-A eFuse with PMBus® Digital Telemetry
REVISED SEPTEMBER 2022
logo
Vishay Siliconix
SIP32433 VISHAY-SIP32433_V01 Datasheet
640Kb / 22P
3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
15-Aug-2022
logo
Alpha & Omega Semicondu...
AOZ18101DI-03 AOSMD-AOZ18101DI-03 Datasheet
1Mb / 13P
14 V 20 mΩ Over-Voltage Protection Efuse
Rev. 1.0 December 2021
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
TPS25990 TI-TPS25990_V01 Datasheet
10Mb / 143P
TPS25990 2.9 V – 16 V, 0.79-mΩ, 60-A Stackable eFuse with PMBus® Digital Telemetry
REVISED JUNE 2023
TPS25981 TI-TPS25981_V02 Datasheet
5Mb / 52P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JUNE 2023
TPS25985 TI1-TPS25985_V02 Datasheet
6Mb / 70P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS25984 TI1-TPS25984_V01 Datasheet
7Mb / 70P
TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com