Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

259481A Marking, TPS259481AYWPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS259481AYWPR
Description  TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS259481AYWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS259481AYWPR Datasheet HTML 5Page - Texas Instruments TPS259481AYWPR Datasheet HTML 6Page - Texas Instruments TPS259481AYWPR Datasheet HTML 7Page - Texas Instruments TPS259481AYWPR Datasheet HTML 8Page - Texas Instruments TPS259481AYWPR Datasheet HTML 9Page - Texas Instruments TPS259481AYWPR Datasheet HTML 10Page - Texas Instruments TPS259481AYWPR Datasheet HTML 11Page - Texas Instruments TPS259481AYWPR Datasheet HTML 12Page - Texas Instruments TPS259481AYWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
7.6 Switching Characteristics
The output rising slew rate is internally controlled and constant across the entire operating voltage range to ensure the
turn on timing is not affected by the load conditions. The rising slew rate can be adjusted by adding capacitance from
the dVdt pin to ground. As CdVdt is increased it will slow the rising slew rate (SR). See Slew Rate and Inrush Current
Control (dVdt) section for more details. The Turn-Off Delay and Fall Time, however, are dependent on the RC time constant
of the load capacitance (COUT) and Load Resistance (RL). The Switching Characteristics are only valid for the power-up
sequence where the supply is available in steady state condition and the load voltage is completely discharged before the
device is enabled. Typical values are taken at TJ = 25°C unless specifically noted otherwise. ROUT = 100 Ω, COUT = 1 µF
PARAMETER
VIN
CdVdt = Open
CdVdt = 3.3 nF
CdVdt = 6.8 nF
UNITS
tD,ON
Turn on delay
3.5
0.15
0.78
1.31
ms
12
0.17
1.04
2.04
ms
23
0.18
1.60
3.44
ms
SRON
Output rising slew
rate
3.5
14.40
1.25
0.58
V/ms
12
25.30
1.36
0.60
V/ms
23
38.30
1.44
0.65
V/ms
tR
Rise time
3.5
0.20
2.12
4.59
ms
12
0.36
7.04
17.08
ms
23
0.47
12.83
27.70
ms
tON
Turn on time
3.5
0.41
2.88
5.89
ms
12
0.55
8.09
19.14
ms
23
0.65
14.66
31.20
ms
tD,OFF
Turn off delay
3.5
17.30
17.30
17.30
µs
12
15.80
15.80
15.80
µs
23
13.50
13.50
13.50
µs
tF
Fall time
3.5
Depends on ROUT and COUT
µs
12
23
www.ti.com
TPS25948
SLVSGT9A – FEBRUARY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS25948



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com