Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

259481A Marking, TPS259481AYWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS259481AYWPR
Description  TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS259481AYWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS259481AYWPR Datasheet HTML 3Page - Texas Instruments TPS259481AYWPR Datasheet HTML 4Page - Texas Instruments TPS259481AYWPR Datasheet HTML 5Page - Texas Instruments TPS259481AYWPR Datasheet HTML 6Page - Texas Instruments TPS259481AYWPR Datasheet HTML 7Page - Texas Instruments TPS259481AYWPR Datasheet HTML 8Page - Texas Instruments TPS259481AYWPR Datasheet HTML 9Page - Texas Instruments TPS259481AYWPR Datasheet HTML 10Page - Texas Instruments TPS259481AYWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
7.4 Electrical Characteristics (continued)
(Test conditions unless otherwise noted) –40°C ≤ TJ ≤ 125°C, VIN = 12 V, OUT = Open, VEN/UVLO = 2 V, VOVLO = 0 V, RILM
= 536 Ω , dVdT = Open, ITIMER = Open, SPLYGD/SPLYGD = Open, FLT = Open for TPS259480x, RCBCTRL = Open for
TPS259481x/2x. All voltages referenced to GND.
Test
Parameter
Description
MIN
TYP
MAX
UNITS
VOV(F)
OVLO pin falling threshold
1.07
1.1
1.12
V
IOVLKG
OVLO pin leakage current, 0.5 V < VOVLO < 1.5 V
–0.1
0.1
µA
OUTPUT LOAD CURRENT MONITOR (IMON)
GIMON
Analog load current monitor gain (IMON : IOUT), IOUT = 1 A,
IOUT < ILIM
114
133
154
µA/A
GIMON
Analog load current monitor gain (IMON : IOUT), IOUT = 3 A
to 8 A, IOUT < ILIM
116
133
149
µA/A
OVERCURRENT PROTECTION (OUT)
ILIM
Overcurrent threshold, RILM = 2.43 kΩ
1.75
1.99
2.25
A
Overcurrent threshold, RILM = 1.62 kΩ
2.7
2.98
3.3
A
Overcurrent threshold, RILM = 604 Ω
7.2
8
8.7
A
IFLT
Circuit-breaker threshold, ILM pin open (Single point
failure)
0.1
A
Circuit-breaker threshold, ILM pin shorted to GND (Single
point
failure)
1.4
2.5
A
ISCGain
Scalable Fast-trip current threshold (ISC) : ILIM Ratio (Steady-
state/Start-up for TPS259480x/2x variants and Start-up for
TPS259481x variants)
170%
184%
240%
IFFT
Fixed Fast-trip current threshold, TPS259480x/2x variants
only
16.9
25.1
31.0
A
Fixed Fast-trip current threshold, TPS259481x variants only
15
22.8
29
A
VFB
VOUT threshold to exit current limit foldback
1.5
1.9
2.3
V
OVERCURRENT FAULT TIMER (ITIMER)
VINT
ITIMER pin internal pull-up voltage
2.3
2.6
2.7
V
RITIMER
ITIMER pin internal pull-up resistance
15.7
kΩ
IITIMER
ITIMER pin discharge current, IOUT > ILIM
1.5
1.9
2.45
µA
ΔVITIMER
ITIMER discharge differential voltage threshold
1.28
1.51
1.75
V
REVERSE CURRENT BLOCKING (IN - OUT)
VFWD
VIN – VOUT forward regulation voltage, IOUT = 10 mA
0.1
10.6
24.5
mV
VREVTH
VIN – VOUT threshold for fast BFET turn off (enter reverse
current blocking)
–44.8
–29.5
–14.8
mV
VFWDTH
VIN – VOUT threshold for fast BFET turn on (exit reverse
current blocking)
70
105.9
140
mV
IREVLKG
Reverse leakage current during reverse current blocking
condition
–2
–1.1
µA
SUPPLY GOOD INDICATION (SPLYGD/SPLYGD)
VSPLYGD
SPLYGD pin low voltage VIN > 3.3V, Strong pull-up
600
mV
VSPLYGD
SPLYGD pin low voltage VIN < 3.3V, EN < VSD(F), weak pull-
up
650
930
mV
VSPLYGD
SPLYGD pin low voltage VIN < 3.3V, EN < VSD(F), strong
pull-up
785
990
mV
ISPLYGDLKG
SPLYGD High leakage current
–3
3
µA
ISPLYGDBLKG
SPLYGD High leakage current
–3
3
µA
FAULT INDICATION (FLT) or REVERSE BLOCKING CONTROL (RCBCTRL)
IFLTBLKG
FLT leakage current
–1
1
µA
www.ti.com
TPS25948
SLVSGT9A – FEBRUARY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS25948



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com