| Electronic Components Datasheet Search |
|
259481A Marking, TPS259481AYWPR Datasheet(PDF) 20 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
TPS259481AYWPR Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 56 page ![]() HFET Control Current Limit Amplifier 5, 12 6, 11 IN 3 4 CP 7 9 OUT ILM SC OC + - + - 10 OC DVDT ITIMER Temp Sense & Overtemperature protection SPLYGD RCBCTRL ITIMER_EXPIRED 8 GND TPS259482x BFET Control INRUSH_DONE GHI 10.6 mV TSD 2 1 OVLO EN/UVLO SWEN UVPb OVLOb UVLOb SD 0.75 V 1x FFT 1.06 V 2.6 V RCB 103 ms TIMER # R S Q /Q FLT ILM Pin Short TSD SD UVPb RETRY # + - 2x 3.0 V 2.4 V 1.2 V 1.1 V 1.2 V 1.1 V # Not applicable to Latch-off variant (TPS259482L) RETRY # Short Detect ILM Pin Short 1.9 A 5.3 A FFT GHI BFET HFET 133 A/A Figure 8-3. TPS259482x Block Diagram TPS25948 SLVSGT9A – FEBRUARY 2023 – REVISED SEPTEMBER 2023 www.ti.com 20 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: TPS25948 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |