Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

259481A Marking, TPS259481AYWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS259481AYWPR
Description  TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS259481AYWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS259481AYWPR Datasheet HTML 1Page - Texas Instruments TPS259481AYWPR Datasheet HTML 2Page - Texas Instruments TPS259481AYWPR Datasheet HTML 3Page - Texas Instruments TPS259481AYWPR Datasheet HTML 4Page - Texas Instruments TPS259481AYWPR Datasheet HTML 5Page - Texas Instruments TPS259481AYWPR Datasheet HTML 6Page - Texas Instruments TPS259481AYWPR Datasheet HTML 7Page - Texas Instruments TPS259481AYWPR Datasheet HTML 8Page - Texas Instruments TPS259481AYWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
6 Pin Configuration and Functions
EN/UVLO
OVLO
SPLYGD/
SPLYGD
ITIMER
ILM
GND
DVDT
FLT/
RCBCTRL
VIN
VIN
VOUT
VOUT
1
2
3
4
5
6
7
8
9
10
11
12
Figure 6-1. YWP Package, 12-Ball PWCSP (Top View)
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
EN/UVLO
1
Analog
input
Active high enable for the device. A resistor divider on this pin from input supply to GND
can be used to adjust the undervoltage lockout threshold. Do not leave floating. Refer to
Section 8.3.1 for details.
OVLO
2
Analog
input
A resistor divider on this pin from supply to GND can be used to adjust the overvoltage
lockout threshold. This pin can also be used as an Aactive low enable for the device. Do
not leave floating. Refer to Section 8.3.2 for details.
SPLYGD
3
Digital
output
TPS259480x/2x: Active high Supply Good indication. This is an open drain signal which
is asserted high when the input supply is valid and channel has completed inrush
sequence. This can be used to enable/disable the auxiliary supply eFuse to facilitate
smooth switchover in a priority power MUXing configuration. Refer to Section 8.3.8 for
more details.
SPLYGD
Digital
output
TPS259481x: Active low Supply Good indication. This is an open drain signal which
is asserted Low when the input supply is valid and channel has completed inrush
sequence. This can be used to enable/disable the auxiliary supply eFuse to facilitate
smooth switchover in a priority power MUXing configuration. Refer to Section 8.3.8 for
more details.
FLT
4
Digital
output
TPS259480x: Active low fault event indicator. This is an open drain signal which will be
pulled low when a fault is detected. Refer to Section 8.3.7 for more details.
RCBCTRL
Digital
input
TPS259481x/2x: Active high reverse current blocking enable input. Leave the pin floating
or pull it high to enable reverse current blocking at all times. Pull the pin low to disable
reverse current blocking in steady-state to enable bi-directional current flow.
IN
5, 12
Power
Power input.
OUT
6, 11
Power
Power output.
DVDT
7
Analog
output
A capacitor from this pin to GND sets the output turn on slew rate. Leave this pin floating
for the fastest turn on slew rate. Refer to Section 8.3.3.1 for details.
GND
8
Ground This is the ground reference for all internal circuits and must be connected to system GND.
ILM
9
Analog
output
This is a dual function pin used to limit and monitor the output current. An external resistor
from this pin to GND sets the output current limit threshold during start-up as well as
steady state. The pin voltage can also be used as analog output load current monitor
signal. Do not leave floating. Refer to Section 8.3.3.2 for more details.
ITIMER
10
Analog
output
A capacitor from this pin to GND sets the overcurrent blanking interval during which the
output current can temporarily exceed set current limit (but lower than fast-trip threshold)
before the device overcurrent response takes action. Leave this pin open for fastest
response to overcurrent events. Refer to Section 8.3.3.2 for more details.
TPS25948
SLVSGT9A – FEBRUARY 2023 – REVISED SEPTEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25948



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com