Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

259481A Marking, TPS259481AYWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS259481AYWPR
Description  TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS259481AYWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS259481AYWPR Datasheet HTML 4Page - Texas Instruments TPS259481AYWPR Datasheet HTML 5Page - Texas Instruments TPS259481AYWPR Datasheet HTML 6Page - Texas Instruments TPS259481AYWPR Datasheet HTML 7Page - Texas Instruments TPS259481AYWPR Datasheet HTML 8Page - Texas Instruments TPS259481AYWPR Datasheet HTML 9Page - Texas Instruments TPS259481AYWPR Datasheet HTML 10Page - Texas Instruments TPS259481AYWPR Datasheet HTML 11Page - Texas Instruments TPS259481AYWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
7.4 Electrical Characteristics (continued)
(Test conditions unless otherwise noted) –40°C ≤ TJ ≤ 125°C, VIN = 12 V, OUT = Open, VEN/UVLO = 2 V, VOVLO = 0 V, RILM
= 536 Ω , dVdT = Open, ITIMER = Open, SPLYGD/SPLYGD = Open, FLT = Open for TPS259480x, RCBCTRL = Open for
TPS259481x/2x. All voltages referenced to GND.
Test
Parameter
Description
MIN
TYP
MAX
UNITS
RFLTB
FLT pin internal pull-down resistance, TPS259480x variants
only
11.8
Ω
IRCBCTRL
RCBCTRL pin internal pull-up current, TPS259481x/2x
variants only
5
µA
VIH,RCBCTRL
RCBCTRL pin logic high detection threshold,
TPS259481x/2x variants only
1.09
1.15
1.2
V
VIL,RCBCTRL
RCBCTRL pin logic low detection threshold, TPS259481x/2x
variants only
1.0
1.0
1.11
V
OVERTEMPERATURE PROTECTION (OTP)
TSD
Thermal shutdown rising threshold, TJ rising
154
°C
TSDHYS
Thermal shutdown hysteresis, TJ falling
10
°C
SLEW RATE CONTROL (DVDT)
Idvdt
dVdt pin charging current
2.6
5.3
9
µA
7.5 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
tOVLO
Overvoltage lock-out response time
VOVLO > VOV(R) to VOUT↓
1
µs
tLIM
Current limit response time
IOUT > 1.2 × ILIM and ITIMER expired to IOUT
settling to within 5% of ILIM
250
µs
tSC
Scalable fast-trip response time
(TPS259480x/2x only)
IOUT > 3 × ILIM to IOUT↓
900
ns
tFT
Fixed fast-trip response time
IOUT > IFFT to IOUT↓
750
ns
tRST
Auto-Retry interval after fault (TPS25948xA
only)
103
ms
tSWOV
OVLO fast recovery response time
VOVLO < VOV(F) to VOUT↑
85.3
µs
tSWRCB
Reverse Current Blocking recovery time
(VIN – VOUT) > VFWDTH to VOUT↑
46.5
µs
tRCB
Reverse Current Blocking comparator
response time
(VOUT – VIN) > 1.3 × VREVTH to BFET OFF
1.1
µs
tSPLYGDA
Supply Good assertion de-glitch
14.7
µs
tSPLYGDD
Supply Good de-assertion de-glitch
14.3
µs
TPS25948
SLVSGT9A – FEBRUARY 2023 – REVISED SEPTEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25948



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com