Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

259481A Marking, TPS259481AYWPR Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS259481AYWPR
Description  TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS259481AYWPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS259481AYWPR Datasheet HTML 13Page - Texas Instruments TPS259481AYWPR Datasheet HTML 14Page - Texas Instruments TPS259481AYWPR Datasheet HTML 15Page - Texas Instruments TPS259481AYWPR Datasheet HTML 16Page - Texas Instruments TPS259481AYWPR Datasheet HTML 17Page - Texas Instruments TPS259481AYWPR Datasheet HTML 18Page - Texas Instruments TPS259481AYWPR Datasheet HTML 19Page - Texas Instruments TPS259481AYWPR Datasheet HTML 20Page - Texas Instruments TPS259481AYWPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
8 Detailed Description
8.1 Overview
The TPS25948xx is an eFuse with integrated power path that is used to ensure safe power delivery in a system.
The device starts its operation by monitoring the IN and OUT bus voltage. When the supply voltage (VIN or
VOUT) exceeds the Undervoltage Protection threshold (VUVP), the device samples the EN/UVLO pin. A high level
(> VUVLO) on this pin enables the internal power path (BFET+HFET) to start conducting and allow current to
flow between IN and OUT. When EN/UVLO is held low (< VUVLO), the internal power path is turned off to block
current flow between IN and OUT.
After a successful start-up sequence, the device now actively monitors its load current and bus voltage and
controls the internal HFET to ensure that the user adjustable overcurrent limit threshold (ILIM) is not exceeded
and overvoltage spikes are cut-off once they cross the user adjustable overvoltage lockout threshold (VOVLO).
The device also provides fast protection against severe overcurrent during short-circuit events. This keeps the
system safe from harmful levels of voltage and current. At the same time, a user adjustable overcurrent blanking
timer allows the system to pass moderate transient peaks in the load current profile without tripping the eFuse.
This ensures a robust protection solution against real faults which is also immune to transients, thereby ensuring
maximum system uptime.
The device has integrated reverse current blocking FET (BFET) which operates like an ideal diode. The BFET
is linearly regulated to maintain a small constant forward drop (VFWD) in forward conduction mode and turned
off completely to block reverse current if output voltage exceeds the input voltage. In some device variants, the
reverse current blocking can be disabled using an external pin control (RCBCTRL) to allow bi-directional current
flow to support applications such as USB On-the-go or DRP (Dual Role Port).
The device also has a built-in thermal sensor based shutdown mechanism to protect itself in case the device
temperature (TJ) exceeds the recommended operating conditions.
www.ti.com
TPS25948
SLVSGT9A – FEBRUARY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS25948



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com