Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 107 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 107 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 103Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 104Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 105Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 106Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 107Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 108Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 109Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 110Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 212 page
background image
107
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-14. REF_A Registers (Base Address: 0x4000_3000)
REGISTER NAME
ACRONYM
OFFSET
REF_A Control 0
REFCTL0
00h
Table 6-15. COMP_E0 Registers (Base Address: 0x4000_3400)
REGISTER NAME
ACRONYM
OFFSET
Comparator_E0 Control 0
CE0CTL0
00h
Comparator_E0 Control 1
CE0CTL1
02h
Comparator_E0 Control 2
CE0CTL2
04h
Comparator_E0 Control 3
CE0CTL3
06h
Comparator_E0 Interrupt
CE0INT
0Ch
Comparator_E0 Interrupt Vector Word
CE0IV
0Eh
Table 6-16. COMP_E1 Registers (Base Address: 0x4000_3800)
REGISTER NAME
ACRONYM
OFFSET
Comparator_E1 Control 0
CE1CTL0
00h
Comparator_E1 Control 1
CE1CTL1
02h
Comparator_E1 Control 2
CE1CTL2
04h
Comparator_E1 Control 3
CE1CTL3
06h
Comparator_E1 Interrupt
CE1INT
0Ch
Comparator_E1 Interrupt Vector Word
CE1IV
0Eh
Table 6-17. AES256 Registers (Base Address: 0x4000_3C00)
REGISTER NAME
ACRONYM
OFFSET
AES Accelerator Control 0
AESACTL0
00h
AES Accelerator Control 1
AESACTL1
02h
AES Accelerator Status
AESASTAT
04h
AES Accelerator Key
AESAKEY
06h
AES Accelerator Data In
AESADIN
08h
AES Accelerator Data Out
AESADOUT
0Ah
AES Accelerator XORed Data In
AESAXDIN
0Ch
AES Accelerator XORed Data In (no trigger)
AESAXIN
0Eh
Table 6-18. CRC32 Registers (Base Address: 0x4000_4000)
REGISTER NAME
ACRONYM
OFFSET
CRC32 Data Input Low
CRC32DI
000h
CRC32 Data In Reverse Low
CRC32DIRB
004h
CRC32 Initialization and Result Low
CRC32INIRES_LO
008h
CRC32 Initialization and Result High
CRC32INIRES_HI
00Ah
CRC32 Result Reverse Low
CRC32RESR_LO
00Ch
CRC32 Result Reverse High
CRC32RESR_HI
00Eh
CRC16 Data Input Low
CRC16DI
010h
CRC16 Data In Reverse Low
CRC16DIRB
014h
CRC16 Initialization and Result
CRC16INIRES
018h
CRC16 Result Reverse
CRC16RESR
01Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com