Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 110 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 110 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 106Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 107Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 108Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 109Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 110Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 111Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 112Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 113Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 212 page
background image
110
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-21. Port Registers (Base Address: 0x4000_4C00) (continued)
REGISTER NAME
ACRONYM
OFFSET
Port 7 Direction
P7DIR
064h
Port 8 Direction
P8DIR
065h
Port 7 Resistor Enable
P7REN
066h
Port 8 Resistor Enable
P8REN
067h
Port 7 Select 0
P7SEL0
06Ah
Port 8 Select 0
P8SEL0
06Bh
Port 7 Select 1
P7SEL1
06Ch
Port 8 Select 1
P8SEL1
06Dh
Port 7 Complement Selection
P7SELC
076h
Port 8 Complement Selection
P8SELC
077h
Port 9 Input
P9IN
080h
Port 10 Input
P10IN
081h
Port 9 Output
P9OUT
082h
Port 10 Output
P10OUT
083h
Port 9 Direction
P9DIR
084h
Port 10 Direction
P10DIR
085h
Port 9 Resistor Enable
P9REN
086h
Port 10 Resistor Enable
P10REN
087h
Port 9 Select 0
P9SEL0
08Ah
Port 10 Select 0
P10SEL0
08Bh
Port 9 Select 1
P9SEL1
08Ch
Port 10 Select 1
P10SEL1
08Dh
Port 9 Complement Selection
P9SELC
096h
Port 10 Complement Selection
P10SELC
097h
Port J Input
PJIN
120h
Port J Output
PJOUT
122h
Port J Direction
PJDIR
124h
Port J Resistor Enable
PJREN
126h
Port J Select 0
PJSEL0
12Ah
Port J Select 1
PJSEL1
12Ch
Port J Complement Select
PJSELC
136h
Table 6-22. PMAP Registers (Base Address: 0x4000_5000)
REGISTER NAME
ACRONYM
OFFSET
Port Mapping Key
PMAPKEYID
00h
Port Mapping Control
PMAPCTL
02h
Port Mapping P2.0
P2MAP0
10h
Port Mapping P2.1
P2MAP1
11h
Port Mapping P2.2
P2MAP2
12h
Port Mapping P2.3
P2MAP3
13h
Port Mapping P2.4
P2MAP4
14h
Port Mapping P2.5
P2MAP5
15h
Port Mapping P2.6
P2MAP6
16h
Port Mapping P2.7
P2MAP7
17h
Port Mapping P3.0
P3MAP0
18h
Port Mapping P3.1
P3MAP1
19h
Port Mapping P3.2
P3MAP2
1Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com