Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 112 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 112 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 108Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 109Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 110Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 111Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 112Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 113Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 114Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 115Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 212 page
background image
112
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-26. DMA Registers (Base Address: 0x4000_E000) (continued)
REGISTER NAME
ACRONYM
OFFSET
Channel 3 Source Configuration
DMA_CH3_SRCCFG
01Ch
Channel 4 Source Configuration
DMA_CH4_SRCCFG
020h
Channel 5 Source Configuration
DMA_CH5_SRCCFG
024h
Channel 6 Source Configuration
DMA_CH6_SRCCFG
028h
Channel 7 Source Configuration
DMA_CH7_SRCCFG
02Ch
Interrupt 1 Source Channel Configuration
DMA_INT1_SRCCFG
100h
Interrupt 2 Source Channel Configuration
DMA_INT2_SRCCFG
104h
Interrupt 3 Source Channel Configuration
DMA_INT3_SRCCFG
108h
Interrupt 0 Source Channel Flag
DMA_INT0_SRCFLG
110h
Interrupt 0 Source Channel Clear Flag
DMA_INT0_CLRFLG
114h
Status
DMA_STAT
1000h
Configuration
DMA_CFG
1004h
Channel Control Data Base Pointer
DMA_CTLBASE
1008h
Channel Alternate Control Data Base Pointer
DMA_ALTBASE
100Ch
Channel Wait on Request Status
DMA_WAITSTAT
1010h
Channel Software Request
DMA_SWREQ
1014h
Channel Useburst Set
DMA_USEBURSTSET
1018h
Channel Useburst Clear
DMA_USEBURSTCLR
101Ch
Channel Request Mask Set
DMA_REQMASKSET
1020h
Channel Request Mask Clear
DMA_REQMASKCLR
1024h
Channel Enable Set
DMA_ENASET
1028h
Channel Enable Clear
DMA_ENACLR
102Ch
Channel Primary-Alternate Set
DMA_ALTSET
1030h
Channel Primary-Alternate Clear
DMA_ALTCLR
1034h
Channel Priority Set
DMA_PRIOSET
1038h
Channel Priority Clear
DMA_PRIOCLR
103Ch
Bus Error Clear
DMA_ERRCLR
104Ch
Table 6-27. PCM Registers (Base Address: 0x4001_0000)
REGISTER NAME
ACRONYM
OFFSET
Control 0
PCMCTL0
00h
Control 1
PCMCTL1
04h
Interrupt Enable
PCMIE
08h
Interrupt Flag
PCMIFG
0Ch
Clear Interrupt Flag
PCMCLRIFG
10h
Table 6-28. CS Registers (Base Address: 0x4001_0400)
REGISTER NAME
ACRONYM
OFFSET
Key
CSKEY
00h
Control 0
CSCTL0
04h
Control 1
CSCTL1
08h
Control 2
CSCTL2
0Ch
Control 3
CSCTL3
10h
Clock Enable
CSCLKEN
30h
Status
CSSTAT
34h
Interrupt Enable
CSIE
40h
Interrupt Flag
CSIFG
48h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com