Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 116 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 116 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 112Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 113Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 114Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 115Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 116Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 117Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 118Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 119Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 212 page
background image
116
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-31. Precision ADC Registers (Base Address: 0x4001_2000) (continued)
REGISTER NAME
ACRONYM
OFFSET
Memory 22
ADC14MEM22
F0h
Memory 23
ADC14MEM23
F4h
Memory 24
ADC14MEM24
F8h
Memory 25
ADC14MEM25
FCh
Memory 26
ADC14MEM26
100
Memory 27
ADC14MEM27
104
Memory 28
ADC14MEM28
108
Memory 29
ADC14MEM29
10C
Memory 30
ADC14MEM30
110h
Memory 31
ADC14MEM31
114h
Interrupt Enable 0
ADC14IER0
13Ch
Interrupt Enable 1
ADC14IER1
140h
Interrupt Flag 0
ADC14IFGR0
144h
Interrupt Flag 1
ADC14IFGR1
148h
Clear Interrupt Flag 0
ADC14CLRIFGR0
14Ch
Clear Interrupt Flag 1
ADC14CLRIFGR1
150h
Interrupt Vector
ADC14IV
154h
Table 6-32. LCD_F Registers (Base Address: 0x4001_2400)
REGISTER NAME
ACRONYM
OFFSET
Control
LCDCTL
00h
Blinking and memory control
LCDBMCTL
04h
Voltage control
LCDVCTL
08h
Port control 0
LCDPCTL0
0Ch
Port control 1
LCDPCTL1
10h
COM/SEG select register 0
LCDCSSEL0
14h
COM/SEG select register 1
LCDCSSEL1
18h
Animation Control Register
LCDANMCTL
1Ch
Interrupt enable register
LCDIE
110h
Interrupt flag register
LCDIFG
114h
Set interrupt flag register
LCDSETIFG
118h
Clear interrupt flag register
LCDCLRIFG
11Ch
Memory 0 (L0)
LCDM0
120h
Memory 1 (L1)
LCDM1
121h
Memory 2 (L2)
LCDM2
122h
Memory 3 (L3)
LCDM3
123h
Memory 4 (L4)
LCDM4
124h
Memory 5 (L5)
LCDM5
125h
Memory 6 (L6)
LCDM6
126h
Memory 7 (L7)
LCDM7
127h
Memory 8 (L8)
LCDM8
128h
Memory 9 (L9)
LCDM9
129h
Memory 10 (L10)
LCDM10
12Ah
Memory 11 (L11)
LCDM11
12Bh
Memory 12 (L12)
LCDM12
12Ch
Memory 13 (L13)
LCDM13
12Dh
Memory 14 (L14)
LCDM14
12Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com