Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 120 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 120 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 116Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 117Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 118Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 119Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 120Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 121Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 122Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 123Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 212 page
background image
120
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.3.4
Debug and Trace Peripheral Zone
This zone maps the internal and external PPB regions of the Cortex-M4. The following peripherals are
mapped to this zone:
•
Core and System debug control registers (internal PPB)
•
NVIC and other registers in the System Control space of the Cortex-M4 (internal PPB)
•
FPB, DWT, ITM (internal PPB)
•
TPIU, Debug ROM table (external PPB)
•
Reset Controller (external PPB)
•
System Controller (external PPB)
Table 6-33. Debug Zone Memory Map
ADDRESS RANGE
MODULE OR PERIPHERAL
REMARKS
0xE000_0000 to 0xE000_0FFF
ITM
Internal PPB
0xE000_1000 to 0xE000_1FFF
DWT
Internal PPB
0xE000_2000 to 0xE000_2FFF
FPB
Internal PPB
0xE000_3000 to 0xE000_DFFF
Reserved
Internal PPB
0xE000_E000 to 0xE000_EFFF
Cortex-M4 System Control Space
Internal PPB
0xE000_F000 to 0xE003_FFFF
Reserved
Internal PPB
0xE004_0000 to 0xE004_0FFF
TPIU
External PPB
0xE004_1000 to 0xE004_1FFF
Reserved
External PPB
0xE004_2000 to 0xE004_23FF
Reset Controller (see Table 6-34)
External PPB
0xE004_2400 to 0xE004_2FFF
Reserved
External PPB
0xE004_3000 to 0xE004_33FF
System Controller
External PPB
0xE004_3400 to 0xE004_3FFF
Reserved
External PPB
0xE004_4000 to 0xE004_43FF
System Controller
External PPB
0xE004_4400 to 0xE00F_EFFF
Reserved
External PPB
0xE00F_F000 to 0xE00F_FFFF
ROM Table (External PPB)
External PPB
0xE010_0000 to 0xFFFF_FFFF
Reserved
Vendor Space
NOTE
For the address maps of the Arm modules listed in Table 6-33, see Cortex-M4 technical
reference manual at www.arm.com.
Table 6-34. RSTCTL Registers
REGISTER NAME
ACRONYM
OFFSET
Reset Request
RSTCTL_RESET_REQ
000h
Hard Reset Status
RSTCTL_HARDRESET_STAT
004h
Hard Reset Status Clear
RSTCTL_HARDRESET_CLR
008h
Hard Reset Status Set
RSTCTL_HARDRESET_SET
00Ch
Soft Reset Status
RSTCTL_SOFTRESET_STAT
010h
Soft Reset Status Clear
RSTCTL_SOFTRESET_CLR
014h
Soft Reset Status Set
RSTCTL_SOFTRESET_SET
018h
PSS Reset Status
RSTCTL_PSSRESET_STAT
100h
PSS Reset Status Clear
RSTCTL_PSSRESET_CLR
104h
PCM Reset Status
RSTCTL_PCMRESET_STAT
108h
PCM Reset Status Clear
RSTCTL_PCMRESET_CLR
10Ch
Pin Reset Status
RSTCTL_PINRESET_STAT
110h
Pin Reset Status Clear
RSTCTL_PINRESET_CLR
114h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com