Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 124 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 124 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 120Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 121Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 122Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 123Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 124Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 125Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 126Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 127Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 212 page
background image
SRAM Region
0x2000_0000
0x2004_0000
Reserved
0x2280_0000
SRAM
Bit-Band Alias
Region
Reserved
0x3FFF_FFFF
0x2200_0000
SRAM Region
0x0100_0000
0x0104_0000
Reserved
0x010F_FFFF
CODE Zone
SRAM Zone
124
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 6-6. SRAM Map
6.4.2.1
SRAM Bank Enable Configuration
The application can optimize the power consumption of the SRAM. To enable this, the SRAM is divided
into 64-KB banks that can be individually powered down. Banks that are powered down remain powered
down in both active and low-power modes of operation, thereby limiting any unnecessary inrush current
when the device transitions between active and retention-based low-power modes. The application can
also disable one (or more) banks for a certain stage in the processing and enable it for another stage.
When a particular bank is disabled, reads to its address space return 0h, and writes are discarded. To
prevent holes in the memory map, if a particular bank is enabled, all the lower banks are also forced to
enabled. This ensures a contiguous memory map through the set of enabled banks instead of a allowing a
disabled bank to appear between enabled banks. For example:
•
If there are four banks in the device, the valid combinations of the BNKxx_EN fields in the
SYS_SRAM_BANKEN_CTL0 register are 0001, 0011, 0111, and 1111.
•
Other combination of BNKxx_EN fields like 1011 are not valid, and the resultant bank configuration is
automatically set to 1111.
Figure 6-7 shows valid and invalid combinations of the bank enable fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com