Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 125 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 125 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 121Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 122Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 123Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 124Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 125Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 126Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 127Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 128Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 212 page
background image
BNK0_EN = 1
BNK1_EN = 0
BNK2_EN = 0
BNK3_EN = 0
BNK0_EN = 1
BNK1_EN = 1
BNK2_EN = 0
BNK3_EN = 0
BNK0_EN = 1
BNK1_EN = 1
BNK2_EN = 1
BNK3_EN = 0
BNK0_EN = 1
BNK1_EN = 1
BNK2_EN = 1
BNK3_EN = 1
Valid SRAM bank enables for SRAM with 4 banks
Conversion of invalid bank enables to valid setting
BNK0_EN = 1
BNK1_EN = 0
BNK2_EN = 1
BNK3_EN = 0
BNK0_EN = 1
BNK1_EN = 1
BNK2_EN = 1
BNK3_EN = 0
Invalid BNKx_EN setting
Valid BNKx_EN setting
125
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 6-7. Configuring SRAM Bank Enables
Bank 0 of SRAM is always enabled and cannot be disabled. For all other banks, any enable or disable
change results in the BNKEN_RDY bit of the SYS_SRAM_STAT register being set to 0 until the
configuration change is effective. Any accesses to the SRAM is stalled during this time, and access
resumes only after the SRAM banks are ready for read or write operations. This is handled transparently
and does not require any code intervention. See SRAM characteristics in the electrical specification for the
SRAM bank enable or disable latency.
6.4.2.2
SRAM Block Retention Configuration and Backup Memory
The application can optimize the leakage power consumption of the SRAM in LPM3 and LPM4 modes of
operation. To enable this, each SRAM bank is further divided into 8-KB blocks that can be individually
configured for retention. Blocks that are enabled for retention retain their data through the LPM3 and
LPM4 modes. The application can also retain a subset of the blocks in the enabled banks.
For example, the application may need 128KB of SRAM for its processing needs (two banks are kept
enabled). However, of these two banks, only one 8-KB block can contain critical data that must be
retained in LPM3 or LPM4, while the rest are powered off completely to minimize power consumption.
Block 0 of SRAM Bank 0 is always retained and cannot be powered down. Therefore, it also operates as a
possible backup memory in the LPM3, LPM4, and LPM3.5 modes of operation.
6.4.3
Utility SRAM
MSP432P4x1x devices support an additional 2KB of utility SRAM space in the peripheral memory map
region. This space can be used by the application for storing any application related data (for example,
DMA descriptors).
6.4.4
ROM
MSP432P4x1x devices support 32KB of ROM, with the rest of the 1-MB region reserved (for future
upgrades). The lower 2KB of the ROM is reserved for TI internal purposes and accesses to this space
return an error response. The rest of the ROM is used for driver libraries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com