Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP432P411VIPZR Datasheet(PDF) 121 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 121 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 117Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 118Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 119Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 120Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 121Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 122Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 123Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 124Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 212 page
background image
121
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-34. RSTCTL Registers (continued)
REGISTER NAME
ACRONYM
OFFSET
Reboot Reset Status
RSTCTL_REBOOTRESET_STAT
118h
Reboot Reset Status Clear
RSTCTL_REBOOTRESET_CLR
11Ch
CS Reset Status
RSTCTL_CSRESET_STAT
120h
CS Reset Status Clear
RSTCTL_CSRESET_CLR
124h
Table 6-35. SYSCTL_A Registers
REGISTER NAME
ACRONYM
OFFSET
Reboot Control
SYS_REBOOT_CTL
0000h
NMI Control and Status
SYS_NMI_CTLSTAT
0004h
Watchdog Reset Control
SYS_WDTRESET_CTL
0008h
Peripheral Halt Control
SYS_PERIHALT_CTL
000Ch
SRAM Size
SYS_SRAM_SIZE
0010h
SRAM Number of Banks
SYS_SRAM_NUMBANKS
0014h
SRAM Number of Blocks
SYS_SRAM_NUMBLOCKS
0018h
Flash Main Memory Size
SYS_MAINFLASH_SIZE
0020h
Flash Information Memory Size
SYS_INFOFLASH_SIZE
0024h
Digital I/O Glitch Filter Control
SYS_DIO_GLTFLT_CTL
0030h
IP Protected Secure Zone Data Access Unlock
SYS_SECDATA_UNLOCK
0040h
SRAM Bank Enable Control 0
SYS_SRAM_BANKEN_CTL0
0050h
SRAM Block Retention Control 0
SYS_SRAM_BLKRET_CTL0
0070h
SRAM Status
SYS_SRAM_STAT
0090h
Master Unlock
SYS_MASTER_UNLOCK
1000h
Boot Override Request 0
SYS_BOOTOVER_REQ0
1004h
Boot Override Request 1
SYS_BOOTOVER_REQ1
1008h
Boot Override Acknowledge
SYS_BOOTOVER_ACK
100Ch
Reset Request
SYS_RESET_REQ
1010h
Reset Status and Override
SYS_RESET_STATOVER
1014h
System Status
SYS_SYSTEM_STAT
1020h
6.4
Memories on MSP432P4x1x
MSP432P4x1x devices include flash memory and SRAM for general-application purposes. In addition, the
devices include a backup memory (a portion of total available SRAM) that is retained in low-power modes.
6.4.1
Flash Memory
MSP432P4x1x devices include a high-endurance low-power flash memory that supports up to a minimum
of 20000 write or erase cycles. The flash memory is 128 bits wide, thereby enabling high code execution
performance by virtue of each fetch returning up to four 32-bit instructions (or up to eight 16-bit
instructions). The flash is further divided into two types of subregions: Main Memory and Information
Memory.
From a physical perspective the flash memory comprises of two banks, with the main and information
memory regions divided equally between the two banks. This permits an application to carry out a
simultaneous read or execute operation from one bank while the other bank may be undergoing a
program or erase operation.
The memory map of flash on MSP432P4x1x devices is shown in Figure 6-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com