Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 63 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 59Page - Analog Devices ADATE320 Datasheet HTML 60Page - Analog Devices ADATE320 Datasheet HTML 61Page - Analog Devices ADATE320 Datasheet HTML 62Page - Analog Devices ADATE320 Datasheet HTML 63Page - Analog Devices ADATE320 Datasheet HTML 64Page - Analog Devices ADATE320 Datasheet HTML 65Page - Analog Devices ADATE320 Datasheet HTML 66Page - Analog Devices ADATE320 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 62 of 82
APPLICATIONS INFORMATION
POWER SUPPLY, GROUNDING, AND TYPICAL
DECOUPLING STRATEGY
The ADATE320 is internally divided into a digital core and an
analog core.
The VDD and DGND pins provide power and ground for the
digital core that includes the SPI, certain logic functions, and
the digital calibration functions. DGND is the logic ground
reference for the VDD supply. Therefore, bypass VDD adequately
to DGND with good quality, low effective series resistance (ESR)
bypass capacitors. To reduce transient digital switching noise
coupling to the analog core, connect DGND to a dedicated
external ground plane that is separated from the analog ground
domains. If the application permits, the DGND pins can share a
digital ground domain with the supervisory FPGA or ASIC that
interfaces with the ADATE320 SPI. All CMOS inputs and
outputs are referenced between VDD and DGND, and their
valid levels must be guaranteed relative to these power supply
pins.
The analog core of the device includes all analog ATE functional
blocks such as the DACs, the driver, the comparator, the load,
and the PPMU. The VCC and VEE supplies provide power to the
analog core. AGND and PGND are analog ground and power
ground references, respectively. PGND is generally noisier with
analog switching transients, and it may also have large static dc
currents. AGND is generally quieter and has relatively smaller
static dc currents. These two grounds can be connected together
outside the chip to a single shared analog ground plane.
Regardless, keep PGND and AGND (whether separated or
shared) separated from the DGND ground plane if system
design constraints permit.
The transient frequencies generated by the analog core can be a
full order of magnitude greater than those generated by the SPI
and on-chip digital circuitry. Therefore, pay close attention to
the decoupling of the VCC and VEE supplies. Each supply must
be adequately bypassed to the PGND ground domain using the
highest quality bypass capacitors available. Locate the
decoupling capacitors as close to the device as practically possible.
The decoupling capacitors must have very low ESR and effective
series inductance (ESL). Commonly available ceramic capacitors
may provide only a marginally low impedance path to ground
at the frequencies encountered in the ADATE320. Therefore,
consider only the highest performance decoupling capacitors if
possible. In accordance with generally accepted practices, a
typical 10 µF tantalum capacitor must also be shared across
each power supply domain.
Pay particularly close attention to decoupling the VCC and VEE
supplies in proximity to the transmission line at the DUTx pins
of the device. To avoid undesired waveform aberrations and
degradation of performance, it is important that all return
currents to and from the transmission line have a direct and low
impedance path back to the VCCDx and VEEDx pins adjacent
to the respective DUTx pins. See Figure 135 for a typical
transmission line decoupling strategy.
The ADATE320 has a DUTGND reference input pin that senses
the remote low frequency ground potential at the target device
under test (DUT). With the exception of the VIOH and VIOL
active load currents and VPMU when in PPMU FI mode, all
DAC levels are adjusted on-chip relative to this DUTGND input.
Furthermore, the PPMU measure output pins (PPMU_Mx) are
also referenced to DUTGND. The off-chip system analog-to-
digital converter (ADC) that measures the PPMU_Mx pins
must therefore be referenced to DUTGND as well. Referencing
the system ADC to AGND results in errors unless DUTGND is
tied directly to AGND as close as possible to the ADATE320.
For applications that do not distinguish between DUT ground
reference and system analog ground reference, the DUTGND pin
may be connected to the same ground plane as AGND.
Avoid routing digital lines under the device, because these lines
can couple noise into the device. Generous use of an analog ground
plane under the device shields noise coupling that can otherwise
enter the device. The power supply distribution lines must provide
very wide and low inductance paths to the respective supply
planes. This is especially true for VCC and VEE. Attention to
via inductance is extremely important in these supplies—it cannot
be neglected. Fast switching signals routed in proximity to the
ADATE320 must be adequately shielded, preferably with their
proper ground returns to avoid radiating noise to other parts of
the board. Route such lines as far away as possible from the
analog inputs to the device, such as the AGND, DUTGND,
VREF, and VREFGND reference inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com