Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 20 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 16Page - Analog Devices ADATE320 Datasheet HTML 17Page - Analog Devices ADATE320 Datasheet HTML 18Page - Analog Devices ADATE320 Datasheet HTML 19Page - Analog Devices ADATE320 Datasheet HTML 20Page - Analog Devices ADATE320 Datasheet HTML 21Page - Analog Devices ADATE320 Datasheet HTML 22Page - Analog Devices ADATE320 Datasheet HTML 23Page - Analog Devices ADATE320 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
Data Sheet
ADATE320
Rev. B | Page 19 of 82
VREF, VREFGND, AND DUTGND REFERENCE INPUT PINS SPECIFICATIONS
Table 10.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC SPECIFICATIONS
VREF Input Voltage Range
2.475
2.500
2.525
V
D
Provided externally, VREF = 2.500 V, VREFGND =
0.000 V
VREF Input Bias Current
10
µA
P
Tested with 2.500 V applied
DUTGND Input Voltage Range,
Referenced to AGND
−0.1
+0.1
V
D
DUTGND Input Bias Current
−10
+10
µA
P
Tested at −100 mV and +100 mV
TEMPERATURE MONITOR SPECIFICATIONS
Table 11.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC SPECIFICATIONS
Temperature Sensor Gain
10
mV/K
D
3.00 V at room temperature, 300 K (23°C)
Temperature Sensor Accuracy
±10
°C
CT
20°C < TC < 80°C, VCCTHERM only (TJ = TC)
ALARM FUNCTIONS SPECIFICATIONS
Table 12.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC SPECIFICATIONS
Overvoltage Alarm High, OVDH
Functional Voltage Range
−1.0
+5.0
V
D
OVDL DAC set to DAC Code 0x0000 (−2.5 V)
Uncalibrated Error at −1.0 V
−300
+200
mV
P
Includes 5% uncalibrated gain ±250 mV offset
Uncalibrated Error at 5.0 V
0
500
mV
P
Includes 5% uncalibrated gain ±250 mV offset
Offset Voltage TC
±0.5
mV/°C
CT
Gain
1.05
V/V
CT
Gain derived from measurements at DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V); based on an
ideal DAC transfer function (see Table 24)
Hysteresis
140
mV
CT
Hysteresis is only applied coming out of alarm
Overvoltage Alarm Low, OVDL
Functional Voltage Range
−2.0
+4.0
V
D
OVDH DAC set to DAC Code 0xFFFF (7.5 V)
Uncalibrated Error at −2.0 V
−350
+150
mV
P
Includes 5% uncalibrated gain ±250 mV offset
Uncalibrated Error at 4.0 V
−50
+450
mV
P
Includes 5% uncalibrated gain ±250 mV offset
Offset Voltage TC
±0.5
mV/°C
CT
Gain
1.05
V/V
CT
Gain derived from measurements at DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V); based on an
ideal DAC transfer function (see Table 24)
Hysteresis
140
mV
CT
Hysteresis is only applied coming out of alarm
Thermal Alarm
Setpoint Error
±10
°C
CT
Relative to default alarm value, TJ = 100°C
Thermal Hysteresis
15
°C
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com