Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 28 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 24Page - Analog Devices ADATE320 Datasheet HTML 25Page - Analog Devices ADATE320 Datasheet HTML 26Page - Analog Devices ADATE320 Datasheet HTML 27Page - Analog Devices ADATE320 Datasheet HTML 28Page - Analog Devices ADATE320 Datasheet HTML 29Page - Analog Devices ADATE320 Datasheet HTML 30Page - Analog Devices ADATE320 Datasheet HTML 31Page - Analog Devices ADATE320 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
Data Sheet
ADATE320
Rev. B | Page 27 of 82
Table 21. PPMU Measure Pin Truth Table1
PPMU Control Register
PPMU_Mx,
Pin State
PPMU_ENABLE_x,
Address 0x1C, Bit 0
PPMU_STANDBY_x,
Address 0x1C, Bit 1
PPMU_MEAS_ENABLE_x,
Address 0x1C, Bit 13
PPMU_MEAS_SEL_x,
Address 0x1C, Bit 14
PPMU_MEAS_VI_x,
Address 0x1C, Bit 6
X
X
0
X
X
High-Z
0
X
1
0
X
Active MV
0
X
1
1
X
Active
VTHERM2
1
X
1
0
0
Active MV
1
X
1
0
1
Active MI
1
X
1
1
X
Active
VTHERM2
1
X means don’t care.
2
When applicable, PPMU_M0 is connected to the internal temperature sensor node (VTHERM), and PPMU_M1 is connected to the internal temperature sensor
reference ground node (AGND) (see Figure 144).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com