Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 64 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 60Page - Analog Devices ADATE320 Datasheet HTML 61Page - Analog Devices ADATE320 Datasheet HTML 62Page - Analog Devices ADATE320 Datasheet HTML 63Page - Analog Devices ADATE320 Datasheet HTML 64Page - Analog Devices ADATE320 Datasheet HTML 65Page - Analog Devices ADATE320 Datasheet HTML 66Page - Analog Devices ADATE320 Datasheet HTML 67Page - Analog Devices ADATE320 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
Data Sheet
ADATE320
Rev. B | Page 63 of 82
DUTx
DRIVER
VCCDx
VEEDx
AGND
ANALOG POWER GROUND
DIGITAL POWER GROUND
20pF
10mA
CMPHx/CMPLx
CMPHx/CMPLx
VTTCx
COMP
SPI
VDD
DGND
DIGITAL +1.8V
SCLK
SDI
SDO
CS
ADATE320
DUTGND
DATx/RCVx
DATx/RCVx
VTTDx
VTT TERMINATION
PGND
VCC
VEE
ANALOG +8.0V
ANALOG –5.0V
VTT TERMINATION
DUT
BUSY
ALARM
DIGITAL 0.0V
ANALOG 0.0V
PGND
+8.0V
−5.0V
50Ω
50Ω
Figure 135. Power Supply and Transmission Path Decoupling Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com