Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 18 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 14Page - Analog Devices ADATE320 Datasheet HTML 15Page - Analog Devices ADATE320 Datasheet HTML 16Page - Analog Devices ADATE320 Datasheet HTML 17Page - Analog Devices ADATE320 Datasheet HTML 18Page - Analog Devices ADATE320 Datasheet HTML 19Page - Analog Devices ADATE320 Datasheet HTML 20Page - Analog Devices ADATE320 Datasheet HTML 21Page - Analog Devices ADATE320 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
Data Sheet
ADATE320
Rev. B | Page 17 of 82
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
Gain Error, Current Clamps
(PCHx/PCLx)
0
30
%
P
All ranges; PPMU force ±1.0 V into 0.0 V2
Gain TC, Current Clamps
(PCHx/PCLx)
±50
ppm/°C
CT
All ranges
INL, Current Clamps (PCHx/PCLx)
−0.15
+0.15
%FSR
P
All ranges; PPMU force ±1.0 V into 0.0 V,
after two-point gain/offset calibration;
PCHx calibration at DAC Code 0xA000
(3.75 V or 50% FS) and DAC Code 0xB333
(4.50 V or 80% FS); PCLx calibration at DAC
Code 0x6000 (1.25 V or −50% FS) and DAC
Code 0x4CCC (0.50 V or −80% FS);
measured over dc accuracy range
Current Droop
Low Current Clamp (PCLx), Sink
−2
+2
%FSR
P
PCLx = 0.5 V (−80% FS), PCHx = 4.5 V (80%
FS), PPMU force −0.5 V and +3.5 V into
VDUTx = 4.5 V, measure ∆I at the DUTx pin in
Range A
High Current Clamp (PCHx),
Source
−2
+2
%FSR
P
PCLx = 0.5 V (−80% FS), PCHx = 4.5 V (80%
FS), PPMU force −0.5 V and +3.5 V into
VDUTx = −1.5 V, measure ∆I at the DUTx pin
in Range A
SETTLING/SWITCHING TIMES
FV Settling Time to 0.1% of Final
Value
Range A, 200 pF and 2000 pF
Load
20
µs
S
PPMU enabled in FV, Range A, step from
0.0 V to 4.0 V
Range B, 200 pF and 2000 pF
Load
25
µs
S
PPMU enabled in FV, Range B, DCL
disabled, step from 0.0 V to 4.0 V
Range C, 200 pF Load
25
µs
S
PPMU enabled in FV, Range C, DCL
disabled, step from 0.0 V to 4.0 V
Range C, 2000 pF Load
65
µs
S
PPMU enabled in FV, Range C, DCL
disabled, step from 0.0 V to 4.0 V
FV Settling Time to 1.0% of Final
Value
Range A, 200 pF and 2000 pF Load
16
µs
CB
PPMU enabled in FV, Range A, DCL
disabled, step from 0.0 V to 4.0 V
Range B, 200 pF and 2000 pF Load
14
µs
CB
PPMU enabled in FV, Range B, DCL
disabled, step from 0.0 V to 4.0 V
Range C, 200 pF and 2000 pF Load
18
µs
CB
PPMU enabled in FV, Range C, DCL
disabled enabled, step from 0.0 V to 4.0 V
FI Settling Time to 0.1% of Final
Value
Range A, 200 pF in Parallel with
120 Ω
16
µs
S
PPMU enabled in FI, Range A, DCL
disabled, step from 0.0 mA to 40 mA
Range B, 200 pF in Parallel with
1.5 kΩ
10
µs
S
PPMU enabled in FI, Range B, DCL
disabled, step from 0.0 mA to 1 mA
Range C, 200 pF in Parallel with
15.0 kΩ
40
µs
S
PPMU enabled in FI, Range C, DCL
disabled, step from 0.0 mA to 100 µA
FI Settling Time to 1.0% of Final
Value
Range A, 200 pF in Parallel with
120 Ω
8
µs
CB
PPMU enabled in FI, Range A, DCL
disabled, step from 0.0 mA to 40 mA
Range B, 200 pF in Parallel with
1.5 kΩ
8
µs
CB
PPMU enabled in FI, Range B, DCL
disabled, step from 0.0 mA to 1 mA
Range C, 200 pF in Parallel with
15.0 kΩ
8
µs
CB
PMU enabled in FI, Range C, DCL disabled,
step from 0.0 mA to 100 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com